Electronic Components Datasheet Search
  English  ▼

X  

B7752 Datasheet(PDF) 6 Page - EPCOS

Part # B7752
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7752 Datasheet(HTML) 6 Page - EPCOS

  B7752 Datasheet HTML 1Page - EPCOS B7752 Datasheet HTML 2Page - EPCOS B7752 Datasheet HTML 3Page - EPCOS B7752 Datasheet HTML 4Page - EPCOS B7752 Datasheet HTML 5Page - EPCOS B7752 Datasheet HTML 6Page - EPCOS B7752 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Oct 27, 2003
SAW Components
B7752
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Output amplitude balance(|S31/S21|):
Output phase balance(
φ(S
31)-φ(S21)+180˚):



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com