Electronic Components Datasheet Search
  English  ▼

X  

B7752 Datasheet(PDF) 4 Page - EPCOS

Part # B7752
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7752 Datasheet(HTML) 4 Page - EPCOS

  B7752 Datasheet HTML 1Page - EPCOS B7752 Datasheet HTML 2Page - EPCOS B7752 Datasheet HTML 3Page - EPCOS B7752 Datasheet HTML 4Page - EPCOS B7752 Datasheet HTML 5Page - EPCOS B7752 Datasheet HTML 6Page - EPCOS B7752 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Oct 27, 2003
SAW Components
B7752
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω (balanced) || 12 nH
min.
typ.
max.
Center frequency
fC
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0
... 2170,0
MHz
—
2,8
3,2
dB
Amplitude ripple (p-p)
∆α
2110,0
... 2170,0
MHz
—
1,2
1,5
dB
Amplitude ripple per 5MHz channel (p-p)
∆α
5MHz
2110,0
... 2170,0
MHz
—
0,3
0,5
dB
Input VSWR
2110,0
... 2170,0
MHz
—
2,0
2,2
Output VSWR
2110,0
... 2170,0
MHz
—
2,0
2,2
Output amplitude balance(|S31/S21|)
2110,0
... 2170,0
MHz
-1,0
0
1,5
dB
Output phase balance(
φ(S
31)-φ(S21)+180˚)
2110,0
... 2170,0
MHz
-10,0
0
15,0
degree
Attenuation
α
180,0
... 200,0
MHz
60
80
—
dB
200,0
... 1000,0
MHz
50
58
—
dB
1000,0
... 1880,0
MHz
35
40
—
dB
1880,0
... 1980,0
MHz
30
36
—
dB
1980,0
... 2050,0
MHz
24
28
—
dB
2205,0
... 2255,0
MHz
15
21
—
dB
2255,0
... 2300,0
MHz
20
27
—
dB
2300,0
... 2490,0
MHz
27
34
—
dB
2490,0
... 2550,0
MHz
35
40
—
dB
2550,0
... 3200,0
MHz
35
39
—
dB
3200,0
... 6000,0
MHz
40
54
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com