Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices RF2304 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-202
RF2304
Rev A7 060908
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +6.5
VDC
DC Current
40
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Overall Frequency Range
300
2500
MHz
Supply Voltage
2.7
6.0
V
Operating Current (ICC)8.4
mA
VCC=3V, Temp=27°C
711
26
mA
VCC=5V, Temp=27°C
Operating Ambient Temperature
-40
+85
°C
3V Performance
Gain
11.7
dB
Freq=300MHz, VCC=3V, Temp=27°C
Gain
8.5
dB
Freq=900MHz, VCC=3V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+6.9
dBm
OP1dB
+7.5
dBm
Gain
9.2
dB
Freq=1950MHz, VCC=3V, Temp=27°C
Noise Figure
1.7
dB
Input IP3
+8.6
dBm
OP1dB
+6.9
dBm
Gain
8.2
dB
Freq=2450MHz, VCC=3V, Temp=27°C
Noise Figure
1.7
dB
Input IP3
+10.5
dBm
OP1dB
+7.5
dBm
5V Performance
Gain
12.5
dB
Freq=300MHz, VCC=5V, Temp=27°C
Gain
10
12
14
dB
Freq=900MHz, VCC=5V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+8.4
dBm
OP1dB
+8.7
dBm
Gain
9.8
dB
Freq=1950MHz, VCC=5V, Temp=27°C
Noise Figure
1.9
dB
Input IP3
+10.0
dBm
OP1dB
+8
dBm
Gain
6
8
11
dB
Freq=2450MHz, VCC=5V, Temp=27°C
Noise Figure
1.6
dB
Input IP3
+8.0
dBm
OP1dB
+6
dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com