Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2304 Datasheet HTML 1Page - RF Micro Devices RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices RF2304 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-204
RF2304
Rev A7 060908
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
1.43” x 1.43”
2
1
4
3
7
8
5
6
C1
100 pF
50
Ω μstrip
J1
RF IN
C2
100 pF
L1
82 nH
50
Ω μstrip
J2
RF OUT
C4
1 nF
C3
1 nF
2304400B
P1-1
NC
GND
P1-1
VCC
P1
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com