Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2304 Datasheet HTML 2Page - RF Micro Devices RF2304 Datasheet HTML 3Page - RF Micro Devices RF2304 Datasheet HTML 4Page - RF Micro Devices RF2304 Datasheet HTML 5Page - RF Micro Devices RF2304 Datasheet HTML 6Page - RF Micro Devices RF2304 Datasheet HTML 7Page - RF Micro Devices RF2304 Datasheet HTML 8Page - RF Micro Devices RF2304 Datasheet HTML 9Page - RF Micro Devices RF2304 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-208
RF2304
Rev A7 060908
OP1dB versus Temperature
Frequency = 1950 MHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
ICC versus Temperature
Frequency = 1950 MHz
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
Gain versus Temperature
Frequency = 2450 MHz
7.0
7.5
8.0
8.5
9.0
9.5
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
IIP3 versus Temperature
Frequency = 2450 MHz
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
OP1dB versus Temperature
Frequency = 2450 MHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
ICC versus Temperature
Frequency = 2450 MHz
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com