Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices RF2460 Datasheet HTML 10Page - RF Micro Devices RF2460 Datasheet HTML 11Page - RF Micro Devices RF2460 Datasheet HTML 12Page - RF Micro Devices RF2460 Datasheet HTML 13Page - RF Micro Devices RF2460 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
8-90
RF2460
Rev B5 060921
Application Schematic - W-CDMA
(See W-CDMA charts for lab measurements at the end of the data sheet)
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
ENABLE
VCC1
VCC2
50
Ω μstrip
R1
82
Ω
L2
7.5 nH
50
Ω μstrip
50
Ω μstrip
C7
4.3 pF
C8
4.3 pF
50
Ω μstrip
50
Ω μstrip
C9
4.3 pF
L4
82 nH
R2
DNI
50
Ω μstrip
L3
150 nH
C5
0.1
μF
VCC1
C6
5.6 pF
50
Ω μstrip
L5
1.0 nH
50
Ω μstrip
C10
0.1
μF
50
Ω μstrip
L6
47 nH
R3
9.1 k
Ω
R6
18 k
Ω
50
Ω μstrip
L7
2.0 nH
C11
22 pF
50
Ω μstrip
L8
19 nH
R4
510
Ω
R5
10
Ω
C12
0.1
μF
VCC1
MIX_GAIN
LNA_GAIN
50
Ω μstrip
C2
0.1
μF
50
Ω μstrip
L1
10 nH
RF2460PCBA-U WCDMA
RF @ 2.14 GHz, LO @ 2.33 GHz, IF @ 190 MHz
IF=190 MHz
C3
0.1
μF
VCC1
C4
0.1
μF
VCC2
C2 and C3 should be placed as
closely as possible to pins 2 and 3
P1
1
2
3
CON3
P1-1
VCC1
GND
C1
1
μF
+
P1-3
C13
1
μF
+
LO IN
LNA IN
LNA OUT
MIX IN
IF OUT
P2
1
2
3
CON3
P2-1
ENABLE
LNA_GAIN
P2-3
MIX_GAIN
P2-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com