Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2460 Datasheet HTML 1Page - RF Micro Devices RF2460 Datasheet HTML 2Page - RF Micro Devices RF2460 Datasheet HTML 3Page - RF Micro Devices RF2460 Datasheet HTML 4Page - RF Micro Devices RF2460 Datasheet HTML 5Page - RF Micro Devices RF2460 Datasheet HTML 6Page - RF Micro Devices RF2460 Datasheet HTML 7Page - RF Micro Devices RF2460 Datasheet HTML 8Page - RF Micro Devices RF2460 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8-81
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
19
18
17
16
14
ISET1
13
ISET2
12
MIX IN
10
9
8
7
5
NC
4
LO IN
3
VCC2
2
VCC1
1
ENABLE
*
*
*
*
20
6
11
LNA2 E
15
LNA OUT
* Represents "GND".
RF2460
PCS CDMA LOW NOISE AMPLIFIER/MIXER
1500MHz TO 2200MHz DOWNCONVERTER
• CDMA PCS Handsets
• GPS Receiver
• W-CDMA Handsets
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2460 is a receiver front-end designed for the
receive section of PCS CDMA and W-CDMA applica-
tions. It is designed to amplify and downconvert RF sig-
nals while providing 29dB of stepped gain control range
and features digital control of LNA gain, mixer gain, and
power down mode. A further feature of the chip is adjust-
able IIP3 of the LNA and mixer using an off-chip current
setting resistor. Noise Figure, IP3, and other specs are
designed to be compatible with the IS-98B for CDMA
PCS communications. The IC is manufactured on an
advanced Silicon Germanium Bi-CMOS process and is
assembled in a 20-pin, QFN package with an exposed die
flag.
• Complete Receiver Front-End
• Stepped LNA/Mixer Gain Control
• Adjustable LNA/Mixer Bias Current
• 24dB Gain and 2.2dB Noise Figure at
Maximum Cascade Gain
RF2460
MPCS CDMA Low Noise Amplifier/Mixer 1500MHz
to 2200MHz Downconverter
RF2460PCBA-41X Fully Assembled Evaluation Board
0
Rev B5 060921
Dimensions in mm.
Note orientation of package.
12°
MAX
-C-
0.05
1.00
0.90
0.05 C
0.60
0.24 TYP
0.20
0.10
C AB
M
2
0.65
0.30
4 PLCS
2.10 SQ.
0.23
0.13
4 PLCS
0.50
0.75
0.50
NOTES:
Shaded lead is Pin 1.
1
Dimension applies to plated terminal:
to be measured between 0.02 mm and
0.25 mm from terminal end.
2
0.15 C A
2 PLCS
-A-
4.00
3.75
2 PLCS
0.15 C
4.00
0.15 C B
2 PLCS
-B-
3.75
2 PLCS
0.15 C
Package Style: QFN, 20-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2460

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2460 RFMD-RF2460 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460PCBA-41X RFMD-RF2460PCBA-41X Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
More results

Similar Description - RF2460

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2469 RFMD-RF2469 Datasheet
255Kb / 18P
W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com