Electronic Components Datasheet Search
  English  ▼

X  

RF2460 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2460
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2460 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2460 Datasheet HTML 16Page - RF Micro Devices RF2460 Datasheet HTML 17Page - RF Micro Devices RF2460 Datasheet HTML 18Page - RF Micro Devices RF2460 Datasheet HTML 19Page - RF Micro Devices RF2460 Datasheet HTML 20Page - RF Micro Devices RF2460 Datasheet HTML 21Page - RF Micro Devices RF2460 Datasheet HTML 22Page - RF Micro Devices RF2460 Datasheet HTML 23Page - RF Micro Devices RF2460 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
8-100
RF2460
Rev B5 060921
By using a R6=39k
Ω and R3=24kΩ, the following results were obtained. RF=2140MHz, LO=2330MHz, IF=190MHz.
LNA (High Gain Mode) WCDMA
12.00
12.20
12.40
12.60
12.80
13.00
13.20
13.40
13.60
13.80
14.00
2.75
2.85
2.95
3.05
3.15
3.25
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
LNA (High Gain Mode) W-CDMA
4.00
5.00
6.00
7.00
8.00
9.00
10.00
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
LNA (High Gain Mode) W-CDMA
0.00
0.50
1.00
1.50
2.00
2.50
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
NF, -30º
NF, 25º
NF, 85º
LNA Current W-CDMA
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.25
4.30
4.35
2.75
2.85
2.95
3.05
3.15
3.25
3.35
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com