Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8-107
RF2461
Rev B6 060925
Pin
Function
Description
Interface Schematic
15
IF2+
First differential output pin for the second mixer. Open collector. A cur-
rent combiner external network performs a differential to single-ended
conversion and sets the output impedance. A DC blocking cap must be
present if the IF filter input has a DC path to ground. Mixer (IF2+ and
IF2-) needs to “see” a differential impedance between 2k
Ω to 4kΩ.
16
VCC2
VCC pin for the LO buffer/bias circuitry.
17
LO IN
LO limiter input pin.
18
ENABLE
This pin is used to enable or disable the RF2461. A logic high (>2.0V)
enables the circuitry. A logic low (<1.0V) disables the circuitry.
19
IP SET
Controls the setting of the LNA current. A logic low (<1.0V) selects the
internal resistance (49.5k
Ω), resulting in an LNA current of 5mA. A
logic high (>2.0V) selects the external resistance at pin 8.
20
IF SEL
Determines which IF port is active. A logic low (<1.0V) activates IF1
and deactivates IF2. A logic high (>2.0V) activates IF2 and deactivates
IF1. Mixers are identical. Either IF output may be used for CDMA or
AMPS applications.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias.
IF2-
IF2+
LO IN
ENABLE
IP SET
IF SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com