Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2461 Datasheet HTML 1Page - RF Micro Devices RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8-103
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
IF2+
15
IF2-
14
BYPASS
13
IF1+
12
IF1-
11
10
9
8
7
6
GND1B 5
VCC1 4
LNA IN 3
MIX GAIN 2
LNA GAIN 1
20
19
18
17
16
RF2461
CDMA/FM LOW NOISE AMPLIFIER/MIXER
900MHz DOWNCONVERTER
• CDMA/FM (AMPS) Systems
• Dual-Mode TACS/JCDMA Systems
• General Purpose Downconverter
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2461 is a receiver front-end designed for the
receive section of dual-mode CDMA/FM cellular applica-
tions. It is designed to amplify and downconvert RF sig-
nals, while providing 30dB of stepped gain control range.
Features include digital control of LNA gain, mixer gain,
and power down mode. Another feature of the chip is
adjustable IIP3 of the LNA and mixer using an off-chip
current setting resistor. Noise figure, IP3, and gain are
designed to be compatible with the IS-98B interim stan-
dard for CDMA cellular communications. The IC is manu-
factured on an advanced Silicon Germanium Bi-CMOS
process and is assembled in a 4mmx4mm, 20-pin, QFN
package.
• Complete Receiver Front-End
• Stepped LNA/Mixer Gain Control
• Adjustable LNA/Mixer Bias Current
• Adjustable LNA/Mixer IIP3
• Meets IMD Tests with Three Gain
States/Two Logic Control Lines
RF2461
CDMA/FM Low Noise Amplifier/Mixer 900MHz
Downconverter
RF2461PCBA-41X Fully Assembled Evaluation Board
0
Rev B6 060925
Dimensions in mm.
Note orientation of package.
12°
MAX
-C-
0.05
1.00
0.90
0.05 C
0.60
0.24 TYP
0.20
0.10
C AB
M
2
0.65
0.30
4 PLCS
2.10 SQ.
0.23
0.13
4 PLCS
0.50
0.75
0.50
NOTES:
Shaded lead is Pin 1.
1
Dimension applies to plated terminal:
to be measured between 0.02 mm and
0.25 mm from terminal end.
2
0.15 C A
2 PLCS
-A-
4.00
3.75
2 PLCS
0.15 C
4.00
0.15 C B
2 PLCS
-B-
3.75
2 PLCS
0.15 C
Package Style: QFN, 20-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2461

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461PCBA-41X RFMD-RF2461PCBA-41X Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2461

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com