Electronic Components Datasheet Search
  English  ▼

X  

RF2461 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2461 Datasheet HTML 2Page - RF Micro Devices RF2461 Datasheet HTML 3Page - RF Micro Devices RF2461 Datasheet HTML 4Page - RF Micro Devices RF2461 Datasheet HTML 5Page - RF Micro Devices RF2461 Datasheet HTML 6Page - RF Micro Devices RF2461 Datasheet HTML 7Page - RF Micro Devices RF2461 Datasheet HTML 8Page - RF Micro Devices RF2461 Datasheet HTML 9Page - RF Micro Devices RF2461 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
8-108
RF2461
Rev B6 060925
Application Schematic
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
20
19
18
17
16
VCC1
100 pF
33 nF
16 nH
4.3 nH
IF SEL
100 pF
56
Ω
L2
100 pF
C2
L1
R
C1
C1
100 pF
C2
L1
R
C1
C1
L2
VCC1
100 pF
50
Ω μstrip
620
Ω
4 pF
100 pF
0.1
μF
VCC1
22 k
Ω
47 k
Ω
3.3 nH
LNA GAIN
MIX GAIN
VCC2
VCC1
NOTE:
Microstrip Inductor, Z
0 = 50 Ω, L = 102 mils
suggested compared values.
51
Ω*
Filter
33 nF
47 nH
L
Filter
IF+
IF-
L
Filter
IF2+
IF2-
LO IN
LNA IN
7.5 nH
50
Ω μstrip
L=130 mils
W=12 mils
Z
0=50 Ω
ENABLE
IP SET
*This resistor improves NF and IIP3 for
V
CC = 3.0 V.
BYPASS
See
Note 4
See
Note 5
See
Note 3
See
Note 1
See
Note 6
See
Note 8
See
Note 8
See
Note 8
See
Note 8
See
Note 7
See Note 2
See Note 8
See
Note 10
See Note 11
See
Note 9
NOTES:
1. DC blocking capacitor.
2. LNA emitter degenerator. As the value of inductance is increased, the gain will decrease, and the IIP3 will increase.
3. Mixer preamp degeneration inductor. As the value of inductance is increased, the gain will decrease, and the IIP3 will increase.
4. An external resistor connected to this pin sets the current of the preamp and the mixer. Higher resistance to ground results in lower current. See chart at end of datasheet.
5. An external resistor connected to this pin sets the current of the LNA when IPSET is high. Higher resistance to ground results in lower current. See chart at end of datasheet.
6. Mixer input matching inductor.
7. LO input matching resistor.
8. Bypass capacitor.
9. LNA output matching and bias choke.
10. For stability of the LNA.
11. LNA input and output matching.
12. Low pass path to ground for two-tone beat frequency for optimum IIP3 of LNA.
See Note 11
See Note 12
See Note 8
Output Interface Network
L1, C1, and R form a current combiner which performs
a differential to single-ended conversion at the IF fre-
quency and sets the output impedance. In most cases,
the resonance frequency is independent of R and can
be set according to the following equation:
Where CEQ is the equivalent stray capacitance and
capacitance looking into pins 11 and 12. An average
value to use for CEQ is 2.5pF to 3pF.
R can then be used to set the output impedance
according to the following equation:
where ROUT is the desired output impedance and RP is
the parasitic equivalent parallel resistance of L1.
C1 should be chosen as high as possible (not greater
than 15pF), while maintaining an RP of L1 that allows
for the desired ROUT.
L2 and C2 serve dual purposes. L2 serves as an out-
put bias choke, and C2 serves as a series DC block.
In addition, L2 and C2 may be chosen to form an
impedance matching network if the input impedance of
the IF filter is not equal to ROUT. Otherwise, L2 is cho-
sen to be large, and C2 is chosen to be large if a DC
path to ground is present in the IF filter, or omitted if the
filter is DC blocked.
1
2
π L1
2
(C1 + C
EQ)
f
IF =
R =
1
4 R
OUT
- 1
R
P
()
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com