Electronic Components Datasheet Search
  English  ▼

X  

SP6120 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation SP6120 Datasheet HTML 10Page - Sipex Corporation SP6120 Datasheet HTML 11Page - Sipex Corporation SP6120 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
General Overview
The SP6120 is a constant frequency, voltage
mode PWM controller for low voltage, DC/DC
step down converters. It has a main loop where
an external resistor (ROSC) sets the frequency
and the driver is controlled by the comparison of
an error amp output (COMP) and a 1V ramp
signal. The error amp has a transconductance of
600
µS, an output impedance of 3 MΩ, an inter-
nal pole at 2 MHz and a 1.25V reference input.
Although the main control loop is capable of 0%
and 100% duty cycle, its response time is lim-
ited by the external component selection. There-
fore, a secondary loop, including a window
comparator positioned 3% above and below the
reference, has been added to insure fast re-
sponse to line and load transients. A unique
“Ripple & Frequency Independent” algorithm,
added to the secondary loop, insures that the
window comparator does not interfere with the
main loop during normal operation. In addition
to receiving driver commands from the main
and secondary loops, the Driver Logic is also
controlled by the Programming Logic, Fault
Logic and Zero Crossing Comparator. The Pro-
gramming Logic tells the Driver Logic whether
the controller is using a PFET or NFET high side
Figure 14. V
CC Start Threshold vs. Temperature
Figure 15. V
CC Stop Threshold vs. Temperature
Figure 16. Oscillator Frequency vs. Temperature
Figure 17. Oscillator Frequency vs. R
OSC with VCC = 5V
and CGH = CGL = Open.
2.900
-40
-15
10
35
60
85
Temperature (
°C)
2.875
2.850
2.825
2.800
2.850
-40
-15
10
35
60
85
Temperature (
°C)
2.825
2.800
2.775
2.750
302
-40
-15
10
35
60
85
Temperature (
°C)
301
300
299
298
200
300
400
500
600
700
800
510
15
2025
30
ROSC (kΩ)
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
Unless otherwise specified: VCC = BST = ENABLE = 3.3V, ROSC = 18.7k, CCOMP = 0.1µF, CSS = 0.1µF, CGH = CGL = 3.3nF, VFB = 1.25V,
ISP = ISN = 1.25V, SWN = GND = PGND = 0V, TAMB = 25°C.
THEORY OF OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com