Electronic Components Datasheet Search
  English  ▼

X  

SP6120 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6120 Datasheet HTML 1Page - Sipex Corporation SP6120 Datasheet HTML 2Page - Sipex Corporation SP6120 Datasheet HTML 3Page - Sipex Corporation SP6120 Datasheet HTML 4Page - Sipex Corporation SP6120 Datasheet HTML 5Page - Sipex Corporation SP6120 Datasheet HTML 6Page - Sipex Corporation SP6120 Datasheet HTML 7Page - Sipex Corporation SP6120 Datasheet HTML 8Page - Sipex Corporation SP6120 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
PIN DESCRIPTION
E
M
A
NN
O
I
T
C
N
U
F
N
I
P
R
E
B
M
U
NR
E
B
M
U
N
R
E
B
M
U
N
R
E
B
M
U
NR
E
B
M
U
N
0
2
1
6
P
S
C
/
Nn
o
i
t
c
e
n
n
o
C
o
N
1
E
L
B
A
N
E
V
5
.
1
>
e
l
b
a
n
e
V
r
o
g
n
i
t
a
o
l
F
.
p
u
ll
u
p
A
u
4
l
a
n
r
e
t
n
i
h
t
i
w
t
u
p
n
i
e
l
b
i
t
a
p
m
o
c
L
T
T
.
t
r
a
p
s
e
l
b
a
s
i
d
V
5
6
.
0
<
e
l
b
a
n
e
V
,
t
r
a
p
e
h
t
e
l
b
a
n
e
ll
i
w
2
P
S
I
,
n
o
i
t
c
e
t
e
D
t
n
e
r
r
u
C
-
r
e
v
O
r
o
f
t
u
p
n
I
li
a
R
o
t
li
a
R
:
t
u
p
n
I
e
v
i
t
i
s
o
P
e
s
n
e
S
t
n
e
r
r
u
C
.
e
m
i
t
e
s
n
o
p
s
e
r
)
p
y
t
(
s
µ
0
1
h
t
i
w
d
l
o
h
s
e
r
h
t
V
m
3
4
3
N
S
I
t
n
e
r
r
u
C
-
r
e
v
O
r
o
f
t
u
p
n
i
li
a
R
o
t
li
a
R
:
t
u
p
n
I
e
v
i
t
a
g
e
N
e
s
n
e
S
t
n
e
r
r
u
C
.
n
o
i
t
c
e
t
e
D
4
V B
F
s
a
s
e
v
r
e
s
d
n
a
r
e
i
f
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
I
:
n
i
P
e
g
a
t
l
o
V
k
c
a
b
d
e
e
F
t
u
p
t
u
o
e
h
T
.
r
e
t
r
e
v
n
o
c
k
c
u
b
e
h
t
r
o
f
t
n
i
o
p
k
c
a
b
d
e
e
f
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
.
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
d
e
t
s
u
j
d
a
e
b
n
a
c
d
n
a
d
e
s
n
e
s
s
i
e
g
a
t
l
o
v
5
P
M
O
C
y
ll
a
c
i
p
y
t
s
i
k
r
o
w
t
e
n
g
a
l
d
a
e
l
A
:
n
i
P
n
o
i
t
a
s
n
e
p
m
o
C
r
e
i
f
il
p
m
A
r
o
r
r
E
s
i
n
i
p
s
i
h
T
.
p
o
o
l
k
c
a
b
d
e
e
f
e
h
t
e
t
a
s
n
e
p
m
o
c
o
t
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
.
m
u
m
i
x
a
m
V
8
.
2
o
t
d
e
t
i
m
il
s
i
d
n
a
e
g
a
t
l
o
v
S
S
e
h
t
y
b
d
e
p
m
a
l
c
6
S
S
F
µ
1
0
.
0
A
.
p
u
-
t
r
a
t
s
n
o
A
µ
0
5
s
e
c
r
u
o
s
n
i
p
s
i
h
T
:
n
i
P
g
n
i
m
m
a
r
g
o
r
P
t
r
a
t
S
t
f
o
S
a
t
r
a
t
s
t
f
o
s
o
t
e
c
n
a
t
i
c
a
p
a
c
h
g
u
o
n
e
y
ll
a
c
i
p
y
t
s
i
n
i
p
s
i
h
t
n
o
r
o
t
i
c
a
p
a
c
F
µ
1
o
t
n
i
p
s
i
h
t
y
b
d
e
ll
o
r
t
n
o
c
s
i
g
n
i
m
i
t
e
d
o
m
p
u
c
c
i
h
,
n
o
i
t
i
d
d
a
n
I
.
y
l
p
p
u
s
r
e
w
o
p
V
7
.
2
o
t
d
e
p
m
a
l
c
s
i
e
g
a
t
l
o
v
S
S
e
h
T
.
t
n
e
r
r
u
c
e
g
r
a
h
c
s
i
d
A
µ
5
e
h
t
h
g
u
o
r
h
t
.
m
u
m
i
x
a
m
7
R C
S
O
m
a
r
g
o
r
p
o
t
d
e
s
u
s
i
d
n
u
o
r
g
o
t
r
o
t
s
i
s
e
r
A
:
n
i
P
g
n
i
m
m
a
r
g
o
r
P
y
c
n
e
u
q
e
r
F
.
z
H
k
0
0
5
,
s
m
h
O
0
0
2
,
0
1
;
z
H
k
0
0
3
,
s
m
h
O
0
0
7
,
8
1
-
s
e
u
l
a
v
l
a
c
i
p
y
T
.
y
c
n
e
u
q
e
r
f
8
G
O
R
P
:
n
i
P
g
n
i
m
m
a
r
g
o
r
P
S
U
O
N
I
T
N
O
C
/
T
E
F
N
=
E
D
O
M
;
D
N
G
=
G
O
R
P
k
8
6
=
G
O
R
P
Ω
S
U
O
N
I
T
N
O
C
S
I
D
/
T
E
F
N
=
E
D
O
M
;
D
N
G
o
t
V
=
G
O
R
P
C
C
S
U
O
N
I
T
N
O
C
/
T
E
F
P
=
E
D
O
M
;
k
8
6
=
G
O
R
P
Ω
V
o
t
C
C
S
U
O
N
I
T
N
O
C
S
I
D
/
T
E
F
P
=
E
D
O
M
;
9
V C
C
s
s
a
p
y
b
y
l
r
e
p
o
r
P
.
n
i
p
s
i
h
t
o
t
d
e
k
o
o
h
o
s
l
a
s
e
r
u
t
c
u
r
t
s
D
S
E
:
n
i
P
y
l
p
p
u
S
.
C
.
I
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
R
S
E
/
L
S
E
w
o
l
a
h
t
i
w
D
N
G
P
o
t
n
i
p
s
i
h
t
0
1
L
G.
y
t
il
i
b
a
p
a
c
e
v
i
r
d
l
a
c
i
p
y
t
s
n
0
2
/
F
n
1
:
r
e
v
i
r
D
T
E
F
s
u
o
n
o
r
h
c
n
y
S
1
1
D
N
G
P
t
a
D
N
G
o
t
y
l
t
c
e
r
i
D
t
c
e
n
n
o
C
.
e
g
a
t
S
r
e
w
o
P
r
o
f
d
e
s
U
:
n
i
P
d
n
u
o
r
G
r
e
w
o
P
.
e
c
n
a
m
r
o
f
r
e
p
l
a
m
i
t
p
o
r
o
f
s
n
i
p
.
C
.
I
2
1
D
N
G.
C
.
I
r
o
f
n
i
p
d
n
u
o
r
g
n
i
a
M
:
n
i
P
d
n
u
o
r
G
3
1
N
W
S
e
b
o
s
l
a
n
a
C
.
e
c
n
e
r
e
f
e
r
r
e
v
i
r
d
T
E
F
S
O
M
e
d
i
s
h
g
i
H
:
e
c
n
e
r
e
f
e
R
e
d
o
N
h
c
t
i
w
S
.
s
n
o
i
t
a
c
il
p
p
a
e
g
a
t
l
o
v
w
o
l
r
o
f
D
N
G
o
t
d
e
i
t
4
1
H
G
m
a
r
g
o
r
P
n
o
g
n
i
d
n
e
p
e
d
T
E
F
P
r
o
T
E
F
N
e
b
n
a
C
:
r
e
v
i
r
D
T
E
F
S
O
M
e
d
i
S
h
g
I
H
s
i
g
n
i
t
a
r
e
g
a
t
l
o
v
m
u
m
i
x
a
M
.
y
t
il
i
b
a
p
a
c
e
v
i
r
d
l
a
c
i
p
y
t
s
n
0
2
/
F
n
1
.
e
d
o
M
.
N
W
S
o
t
d
e
c
n
e
r
e
f
e
r
5
1
T
S
B.
n
i
P
y
l
p
p
u
S
r
e
v
i
r
D
e
d
i
S
h
g
i
H
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com