Electronic Components Datasheet Search
  English  ▼

X  

SP6120 Datasheet(PDF) 22 Page - Sipex Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6120 Datasheet(HTML) 22 Page - Sipex Corporation

Back Button SP6120 Datasheet HTML 14Page - Sipex Corporation SP6120 Datasheet HTML 15Page - Sipex Corporation SP6120 Datasheet HTML 16Page - Sipex Corporation SP6120 Datasheet HTML 17Page - Sipex Corporation SP6120 Datasheet HTML 18Page - Sipex Corporation SP6120 Datasheet HTML 19Page - Sipex Corporation SP6120 Datasheet HTML 20Page - Sipex Corporation SP6120 Datasheet HTML 21Page - Sipex Corporation SP6120 Datasheet HTML 22Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Model
Operating Temperature Range
Package Type
SP6120CY ............................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP6120CY/TR ......................................... 0˚C to +70˚C ....................................... 16-Pin TSSOP
SP6120EY .............................................. -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP6120EY/TR ......................................... -40˚C to +85˚C ..................................... 16-Pin TSSOP
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6120EY/TR = standard; SP6120EY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 2,500 for 16-pin TSSOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com