Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation SP6122 Datasheet HTML 16Page - Sipex Corporation SP6122 Datasheet HTML 17Page - Sipex Corporation SP6122 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Date: 10/02/04
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2004 Sipex Corporation
PSH(MAX) ≅ 1/2 IOUT(MAX)VIN(MAX)(tRISE + tFALL)FS
where tRISE (SP6122) for 8A PMOS is typi-
cally 20ns and tFALL (SP6122) for 8A PMOS
is typically 40ns.
Switching losses need to be taken into
account for high switching frequency, since
they are directly proportional to switching
frequency. The conduction losses associ-
ated with the PMOS is determined by:
PCH(MAX) = IOUT (MAX) 2 RDS(ON) D
Where RDS(ON) = drain to source on resis-
tance.
The total power losses of the PMOS are the
sum of switching and conduction losses.
For input voltages of 3.3V and 5V, conduc-
tion losses often dominate switching losses.
Therefore, lowering the RDS(ON) of the PMOS
always improves efficiency even though it
gives rise to higher switching losses due to
increased CRSS.
For the SP6122 design example, the
Fairchild PMOS PDS6375 was selected for
its low RDS(ON) and good switching charac-
teristics including low gate charge at the
3.3V input. Using table 1 values for RDS(ON)
and tRISE and tFALL for the SP6122, we
calculate;
PSH(MAX) = 119mW and PCH(MAX) = 203mW.
RDS(ON) varies greatly with the gate driver
voltage. The MOSFET vendors often specify
RDS(ON) on multiple gate to source voltages
(VGS), as well as provide typical curve of
RDS(ON) versus VGS. For 5V input, use the
RDS(ON) specified at 4.5V VGS. At the time of
this publication, vendors, such as Fairchild,
Siliconix and International Rectifier, have
started to specify RDS(ON) at VGS less than
3V. This has provided necessary data for
designs in which these MOSFETs are driven
with 3.3V and made it possible to use
SP6122 in 3.3V only applications.
Thermal calculation must be conducted to
ensure the MOSFET can handle the maxi-
mum load current. The junction tempera-
ture of the MOSFET, determined as follows,
must stay below the maximum rating.
TJ(MAX) = TA (MAX) + PMOSFET(MAX) RθJA
where
TA (MAX) = maximum ambient temperature
PMOSFET(MAX) = maximum power dissipation
of the MOSFET, including both switching
and conduction losses
RθJA = junction to ambient thermal resistance.
RθJA of the device depends greatly on the
board layout, as well as device package.
Significant thermal improvement can be
achieved in the maximum power dissipation
through the proper design of copper mount-
ing pads on the circuit board. For example,
in a SO-8 package, placing two 0.04 square
inches copper pad directly under the pack-
age, without occupying additional board
space, can increase the maximum power
from approximately 1 to 1.2W.
For the PMOS PDS6375, assuming TA (MAX)
= 20°C, PMOSFET(MAX) = PSH(MAX) + PCH(MAX)
= 321mW, and assuming per PDS6375
data sheet, RθJA = 50°C/W if using 0.5 in2
pad of 2oz Cu,
TJ(MAX) = 36°C
which is only a 16°C rise from ambient.
SCHOTTKY DIODE SELECTION
The schottky diode is selected for low for-
ward voltage, current capability and fast
switching speed. The average power dissi-
pation of the schottky diode is determined
by
PDIODE = VF IOUT (1- D)
Where VF is the forward voltage of the
Schottky diode at IOUT.
Guidelines for Component Selection:
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com