Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6122 Datasheet HTML 1Page - Sipex Corporation SP6122 Datasheet HTML 2Page - Sipex Corporation SP6122 Datasheet HTML 3Page - Sipex Corporation SP6122 Datasheet HTML 4Page - Sipex Corporation SP6122 Datasheet HTML 5Page - Sipex Corporation SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Date: 10/02/04
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN #
PIN NAME
DESCRIPTION
1
VCC
Main Supply Pin: A RC filter as shown in the application circuit is
recommended. The decoupling capacitor needs to be close to the pin.
2
FFLAG
Fault Flag Pull-down Pin: Sinks current during a fault condition. Can
be hooked up to ENABLE to initiate Hiccup Timing.
3
VOUT
Regulated Output Voltage: This voltage is divided internally and
compared to a 1.5%, 1.25V reference at the PFM comparator.
4
ENABLE
Enable Input: Floating this pin or pulling above 1.45V enables the
part. Pulling this pin to less than 0.9V will disable the part. A minimum
100pF capacitor is required between this pin and Ground to ensure
proper startup. If FFLAG is hooked to ENABLE, the capacitor on
ENABLE will control hiccup timing.
5
ISENSE
Negative Input to the Over Current Amplifier/Comparator: This input
is subtracted from the ISET input and gained by a factor of 3.3. The
output of this amplifier is compared with a 0.5V threshold, yielding a
150mV threshold. This threshold has a 3800 ppm/°C temperature
coefficient. If the subtraction exceeds 150mV, charge is pumped into
a capacitor until the capacitor hits VCC/2. At this time, the over current
fault is activated. If ISET = 0V and ISENSE = VCC, the part enters an
unprotected, 150µA quiescent current mode.
6
ISET
Positive Input to the Over Current Amplifier: 20µA flows into the ISET
pin if it is pulled through a resistor to VIN. This current has a
4300ppm/°C temperature coefficient and can be used via external
resistor to raise the overcurrent trip point from 150mV to some higher
value. If ISET = 0V and ISENSE = 0V, the part enters an unprotected,
250µA quiescent current mode.
7
GND
Power and Analog Ground: Hook directly to output ground.
8
PDRV
Drive for PFET High Side Switch: 1nF/20ns Output Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com