Electronic Components Datasheet Search
  English  ▼

X  

B9312 Datasheet(PDF) 7 Page - EPCOS

Part # B9312
Description  SAW Tx 2in1 Filter 836.5 / 1880.0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9312 Datasheet(HTML) 7 Page - EPCOS

Back Button B9312 Datasheet HTML 3Page - EPCOS B9312 Datasheet HTML 4Page - EPCOS B9312 Datasheet HTML 5Page - EPCOS B9312 Datasheet HTML 6Page - EPCOS B9312 Datasheet HTML 7Page - EPCOS B9312 Datasheet HTML 8Page - EPCOS B9312 Datasheet HTML 9Page - EPCOS B9312 Datasheet HTML 10Page - EPCOS B9312 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
May 31, 2006
B9312
836.5 / 1880.0 MHz
SAW Components
SAW Tx 2in1 Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics filter 2 (WCDMA band II)
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Terminating source impedance:
ZS = 100 Ω (balanced) || 18nH
Terminating load impedance:
ZL =50 Ω (unbalanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1880.0
—
MHz
Maximum insertion attenuation
α
max
1850.0
... 1910.0
MHz
—
2.4
3.8
dB
Amplitude ripple (p-p)
∆α
1850.0
... 1910.0
MHz
—
1.0
2.4
dB
Input VSWR
1850.6
... 1909.4
MHz
—
1.8
2.3
Output VSWR
1850.6
... 1909.4
MHz
—
1.8
2.3
Input amplitude balance (|S31/S21|)
1850.0
... 1910.0
MHz
–1.1
–0.7/0.7
1.1
dB
Input phase balance (
φ(S
31) – φ(S21)+180˚)
1850.0
... 1910.0
MHz
–10.0
–3/+3
10.0
˚
Common mode suppression
Scs21
1850.0
... 1910.0
MHz
23.0
29.0
—
dB
Attenuation
α
0.0
... 1580.0
MHz
45.0
54.0
—
dB
1580.0
... 1770.0
MHz
30.0
42.0
—
dB
1770.0
... 1830.0
MHz
18.0
36.0
—
dB
1930.6
... 1990.0
MHz
33.01)
1) Attenuation of WCDMA signal determined by
with fC ranging from 1932.4 MHz (lowest Rx channel) to 1987.6 MHz (highest Rx channel).
HRRC(f) is the transfer function of the root-raised cosine transmit pulse shaping filter according
to 3GPP TS 25.101 with the following normalization:
35.7
—
dB
1990.0
... 2500.0
MHz
30.0
35.5
—
dB
2500.0
... 6000.0
MHz
30.0
40.0
—
dB
S
s
d21 f
()H
RRC ff C
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com