Electronic Components Datasheet Search
  English  ▼

X  

B9312 Datasheet(PDF) 2 Page - EPCOS

Part # B9312
Description  SAW Tx 2in1 Filter 836.5 / 1880.0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9312 Datasheet(HTML) 2 Page - EPCOS

  B9312 Datasheet HTML 1Page - EPCOS B9312 Datasheet HTML 2Page - EPCOS B9312 Datasheet HTML 3Page - EPCOS B9312 Datasheet HTML 4Page - EPCOS B9312 Datasheet HTML 5Page - EPCOS B9312 Datasheet HTML 6Page - EPCOS B9312 Datasheet HTML 7Page - EPCOS B9312 Datasheet HTML 8Page - EPCOS B9312 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
May 31, 2006
B9312
836.5 / 1880.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx 2in1 Filter
Data Sheet
Application
s
Low-loss RF filter for mobile telephone
WCDMA band V / band II systems,
transmit path (Tx)
s
Usable passband:
Filter 1 (band V):
25 MHz
Filter 2 (band II):
60 MHz
s
Impedance transformation from:
Filter 1 (band V): 100
Ω to 50 Ω
Filter 2 (band II): 100
Ω to 50 Ω
s
Balanced to unbalanced operation
Features
s
Package size 2.0 x1.6 x 0.68 mm3
s
Package code QCS10I
s
RoHS compatible
s
Approximate weight 0.008 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
0,26
0,65
0,50
bottom view
0,075
0,27
6
7
8
9
10
5
1234
side view
top view
2,0
Pin configuration
s
1
Output [ Filter 1: band V ]
s
4
Output [ Filter 2: band II ]
s
6,7
Input balanced [ Filter 2: band II ]
s
8,9
Input balanced [ Filter 1: band V ]
s
2,3,5,10
Case ground
2,3,5,10
4
1
8
7
6
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com