Electronic Components Datasheet Search
  English  ▼

X  

B9312 Datasheet(PDF) 1 Page - EPCOS

Part # B9312
Description  SAW Tx 2in1 Filter 836.5 / 1880.0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9312 Datasheet(HTML) 1 Page - EPCOS

  B9312 Datasheet HTML 1Page - EPCOS B9312 Datasheet HTML 2Page - EPCOS B9312 Datasheet HTML 3Page - EPCOS B9312 Datasheet HTML 4Page - EPCOS B9312 Datasheet HTML 5Page - EPCOS B9312 Datasheet HTML 6Page - EPCOS B9312 Datasheet HTML 7Page - EPCOS B9312 Datasheet HTML 8Page - EPCOS B9312 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Tx 2in1 Filter
WCDMA band V / WCDMA band II
Series/type:
Ordering code:
B9312
B39192B9312N410
Date:
Version:
May 31, 2006
2.0


Similar Part No. - B9312

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9310 EPCOS-B9310 Datasheet
139Kb / 10P
SAW Rx 2in1 filter 881.5 / 1960.0 MHz
B9318 EPCOS-B9318 Datasheet
133Kb / 12P
SAW Rx 2in1 filter
More results

Similar Description - B9312

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
836.5 MHz SAW Filter
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
836.5 MHz SAW Filter
logo
EPCOS
B9425 EPCOS-B9425 Datasheet
86Kb / 7P
SAW Tx filter 836.5 MHz
B9426 EPCOS-B9426 Datasheet
102Kb / 8P
SAW Tx filter 836.5 MHz
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
836.5 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
SAW Filter 836.5 MHz
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
SAW Filter 836.5 MHz
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com