Electronic Components Datasheet Search
  English  ▼

X  

RF5125 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5125
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5125 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5125 Datasheet HTML 3Page - RF Micro Devices RF5125 Datasheet HTML 4Page - RF Micro Devices RF5125 Datasheet HTML 5Page - RF Micro Devices RF5125 Datasheet HTML 6Page - RF Micro Devices RF5125 Datasheet HTML 7Page - RF Micro Devices RF5125 Datasheet HTML 8Page - RF Micro Devices RF5125 Datasheet HTML 9Page - RF Micro Devices RF5125 Datasheet HTML 10Page - RF Micro Devices RF5125 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF5125
Rev A23 DS070515
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
50
Ω μstrip
J1
RF IN
C2
1 nF
C3
1 nF
C9
330 pF
R1
0
Ω
R2
1
68
Ω
VREG1
VREG2
PDETECT
C11
3
see note
L2
6.8 nH
Coilcraft
L1
7.5 nH
C6
1
μF
C7
1
μF
C1
1 nF
VCC
GND
P2-1
PDETECT
P2-3
VREG2
P2-4
VREG1
P2
1
2
3
4
HDR_1x4
P4
1
GND
50
Ω μstrip
J2
RF OUT
C12
10 pF
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
1
Notes:
1. Pins 1, 4, 13, and 15 may be left as No Connect.
R3 may be used to connect the VREGS with a 0Ω resistor.
2. For VCC = 3.3 VDC operation, C10 is to be populated with a
2.2 pF capacitor, 101 mils from the IC. C11 not populated.
3. For VCC = 5.0 VDC operation, C11 is to be populated with a
2.2 pF capacitor, 115 mils from the IC. C10 not populated.
1
1
1
P3
1
P3-1
VCC
P1
1
2
C8
4.7
μF
C10
2
see note
TL
TL = 115 mils (50
Ω) from IC
TL
TL = 101 mils (50
Ω) from IC
GND
VCC
P1-1
VCC (VDC)
3.3
5.0
C10 (pF)
2.2
DNP
C11 (pF)
2.2
DNP
R3*
5125400, r.-
27
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com