Electronic Components Datasheet Search
  English  ▼

X  

RF5125 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF5125
Description  3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5125 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF5125 Datasheet HTML 4Page - RF Micro Devices RF5125 Datasheet HTML 5Page - RF Micro Devices RF5125 Datasheet HTML 6Page - RF Micro Devices RF5125 Datasheet HTML 7Page - RF Micro Devices RF5125 Datasheet HTML 8Page - RF Micro Devices RF5125 Datasheet HTML 9Page - RF Micro Devices RF5125 Datasheet HTML 10Page - RF Micro Devices RF5125 Datasheet HTML 11Page - RF Micro Devices RF5125 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RF5125
Rev A23 DS070515
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Date: 31.JAN.2005
21:01:52
Center
2.45 GHz
6.653384837 MHz/
Span 66.53384837 MHz
CH PWR
ACP Low
ACP Up
ALT1 Low
ALT1 Up
21.06 dBm
-39.70 dB
-38.81 dB
-55.52 dB
-57.00 dB
LVL
A
* RBW
100 kHz
* VBW
100 kHz
* SWT
300 ms
* Att
10 dB
Ref
20.3 dBm
20
Offset
5.3 dB
1 RM
CLRWB
*
10
0
-10
-20
-30
-40
-50
-60
-70
RF Power Spectrum @ +21 dBm 11 Mbps CCK Modulation
(V
CC = + 3.3 V DC; V REG = +2.8 VDC; Frequency = 2.45 G H z)
ACP versus POUT
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
Output Power (dBm)
ACP1 2400MHz
ACP1 2450MHz
ACP1 2500MHz
2400MHz ACP2
2450MHz ACP2
2500MHz ACP2
EVM versus POUT
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz
Operating Current versus POUT
0.00
0.05
0.10
0.15
0.20
0.25
0.00
5.00
10.00
15.00
20.00
25.00
Output Power (dBm)
2400MHz
2450MHz
2500MHz
PDETECT versus POUT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
5.0
10.0
15.0
20.0
25.0
Output Power (dBm)
2400MHz
2450MHz
2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com