Electronic Components Datasheet Search
  English  ▼

X  

RF5152 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5152
Description  3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5152 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5152 Datasheet HTML 1Page - RF Micro Devices RF5152 Datasheet HTML 2Page - RF Micro Devices RF5152 Datasheet HTML 3Page - RF Micro Devices RF5152 Datasheet HTML 4Page - RF Micro Devices RF5152 Datasheet HTML 5Page - RF Micro Devices RF5152 Datasheet HTML 6Page - RF Micro Devices RF5152 Datasheet HTML 7Page - RF Micro Devices RF5152 Datasheet HTML 8Page - RF Micro Devices RF5152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
RF5152
Rev A10 DS061221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawitng
Pin Out
Shaded lead is pin 1.
Dimensions in mm.
0.90
0.85
0.05 C
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
0.60
0.24
TYP
0.50
0.30
PIN 1 ID
R.20
0.10
C AB
M
0.30
0.18
0.50
1.65
1.35
SQ.
1.50 TYP
0.10 C A
2 PLCS
-A-
3.00
0.10 C B
2 PLCS
1.37 TYP
0.10 C A
2 PLCS
2.75 SQ
0.10 C B
2 PLCS
3.00
-B-
RF IN
RF IN
NC
PDETECT
NC
RF OUT
RF OUT
RF OUT/VCC3
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com