Electronic Components Datasheet Search
  English  ▼

X  

RF5152 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5152
Description  3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5152 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5152 Datasheet HTML 1Page - RF Micro Devices RF5152 Datasheet HTML 2Page - RF Micro Devices RF5152 Datasheet HTML 3Page - RF Micro Devices RF5152 Datasheet HTML 4Page - RF Micro Devices RF5152 Datasheet HTML 5Page - RF Micro Devices RF5152 Datasheet HTML 6Page - RF Micro Devices RF5152 Datasheet HTML 7Page - RF Micro Devices RF5152 Datasheet HTML 8Page - RF Micro Devices RF5152 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
NC
RF IN
RF IN
NC
PDETECT
RF OUT
RF OUT
RF OUT/
VC3
1
4
12
11
10
9
5
6
7
8
16
15
14
13
2
3
Match
Match
Match
Bias
RF5152
3V TO 3.6V, 2.4GHz TO 2.5GHz
LINEAR POWER AMPLIFIER
The RF5152 is a linear, medium-power, high-efficiency, three-stage amplifier IC
designed specifically for battery-powered WLAN applications such as PC cards, mini
PCI, and compact flash applications. The device is manufactured on an advanced
InGaP Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has
been designed for use as the final RF amplifier in 2.5GHz OFDM and other spread-
spectrum transmitters. The device is provided in a 3mmx3mm, 16-pin, QFN with a
backside ground. The RF5152 is designed to maintain linearity over a wide range of
supply voltages and power outputs.
Features
Single Power Supply 3.0V to
3.6V
34dB Typical Small Signal Gain
50
Ω Input and Interstage Match-
ing
2400MHz to 2500MHz Fre-
quency Range
+18dBm, 2.5%EVM (typ.),
130mA@VCC=3.3V
Applications
IEEE802.11b/g/n WLAN Applica-
tions
2.5GHz ISM Band Applications
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
Spread-Spectrum and MMDS
Systems
RF5152
3V to 3.6V, 2.4GHz to 2.5GHz Linear Power Amplifier
RF5152PCBA-41X
Fully Assembled Evaluation Board
Rev A10 DS061221
Package Style: QFN, 16-Pin, 3 mm x 3 mm


Similar Part No. - RF5152

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF5152

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com