Electronic Components Datasheet Search
  English  ▼

X  

RF5188 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-4
RF5188
Rev A4 060310
Pin
Function
Description
Interface Schematic
1RF IN
RF input internally matched to 50
Ω. This input is internally AC-coupled.
2GND
Ground connection.
3VMODE
For nominal operation (High Power mode), VMODE is set LOW. When
set HIGH, devices are biased lower to improve efficiency at lower out-
put levels.
4VREG
Regulated voltage supply for amplifier bias circuit. In power down
mode, both VREG and VMODE need to be LOW (<0.5V).
5NC
No connection. Do not connect this pin to any external circuit.
6NC
No connection. Do not connect this pin to any external circuit.
7NC
No connection. Do not connect this pin to any external circuit.
8NC
No connection. Do not connect this pin to any external circuit.
9RF OUT
RF output. Internally AC-coupled.
10
VCC2
Output stage collector supply. Please see the schematic for required
external components.
11
VCC2
Same as pin 10.
12
VCC2
Same as pin 10.
13
NC
No connection. Do not connect this pin to any external circuit.
14
IM
Interstage matching. Connect to pin 15.
15
VCC1/IM
First stage collector supply and interstage matching. A 4.7
μF decou-
pling capacitor may be required. Connect to pin 14.
16
VCCBIAS
Power supply input for the DC bias circuitry.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to
a top side ground pad which is connected to the ground plane with mul-
tiple vias. The pad should have a short thermal path to the ground
plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com