Electronic Components Datasheet Search
  English  ▼

X  

RF5188 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 7 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2-7
RF5188
Rev A4 060310
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is
3
μinch to 8μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern
shown has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to
accommodate lead and package tolerances. Since surface mount processes vary from company to company, careful
process development is recommended.
PCB Metal Land Pattern
A = 0.64 x 0.28 (mm) Typ.
B = 0.28 x 0.64 (mm) Typ.
C = 0.78 x 0.64 (mm)
D = 0.64 x 1.28 (mm)
E = 1.50 (mm) Sq.
Dimensions in mm.
Pin 1
Pin 8
Pin 16
E
A
A
A
A
B
B
B
B
A
D
B
B
C
1.50 Typ.
0.50 Typ.
0.55 Typ.
0.75 Typ.
0.55 Typ.
0.75 Typ.
0.75
Typ.
1.00 Typ.
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com