Electronic Components Datasheet Search
  English  ▼

X  

RF5188 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5188 Datasheet HTML 1Page - RF Micro Devices RF5188 Datasheet HTML 2Page - RF Micro Devices RF5188 Datasheet HTML 3Page - RF Micro Devices RF5188 Datasheet HTML 4Page - RF Micro Devices RF5188 Datasheet HTML 5Page - RF Micro Devices RF5188 Datasheet HTML 6Page - RF Micro Devices RF5188 Datasheet HTML 7Page - RF Micro Devices RF5188 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
]
RF IN
RF OUT
VMODE
GND
VREG
VCC2
VCC2
VCC2
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
RF5188
3V 1950MHZ W-CDMA LINEAR POWER
AMPLIFIER MODULE
• 3V W-CDMA Band 1 Handsets
• Multi-Mode W-CDMA 3G Handsets
• 3V TD-SCDMA Handsets
• Spread-Spectrum Systems
The RF5188 is a high-power, high-efficiency linear ampli-
fier module specifically designed for 3V handheld sys-
tems. The device is manufactured on an advanced third
generation GaAs HBT process, and was designed for use
as the final RF amplifier in 3V W-CDMA handheld digital
cellular equipment, spread-spectrum systems, and other
applications in the 1920MHz to 1980MHz band (Band 1).
The RF5188 has a digital control line for low power appli-
cations to lower quiescent current. The RF5188 is assem-
bled in at 16-pin, 3mmx3mm, QFN package.
• Input/Output Internally Matched@50
Ω
• 27.5dBm Linear Output Power
• 42% Peak Linear Efficiency
• 28dB Linear Gain
• -42dBc ACLR @ ±5MHz
• HSDPA Capable
RF5188
3V 1950MHz W-CDMA Linear Power Amplifier
Module
RF5188PCBA-41X Fully Assembled Evaluation Board
0
Rev A4 060310
B
3.00
A
3.00
Pin 1 ID
2 PLCS
0.15 C
2 PLCS
0.15 C
0.203 REF
0.102 REF
0.08 C
C
0.08 C
0.925
0.775
1.45
0.05
0.28
0.18
TYP
Pin 1 ID
0.50 TYP
0.40
0.20
TYP
0.10
C AB
M
1.45
Shaded areas represent pin 1.
Dimensions in mm.
Package Style: QFN, 16-Pin, 3x3
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5188 RFMD-RF5188 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188PCBA-41X RFMD-RF5188PCBA-41X Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF5188

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
3V W-CDMA LINEAR PA MODULE
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com