Electronic Components Datasheet Search
  English  ▼

X  

RF5222 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5222
Description  3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5222 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5222 Datasheet HTML 1Page - RF Micro Devices RF5222 Datasheet HTML 2Page - RF Micro Devices RF5222 Datasheet HTML 3Page - RF Micro Devices RF5222 Datasheet HTML 4Page - RF Micro Devices RF5222 Datasheet HTML 5Page - RF Micro Devices RF5222 Datasheet HTML 6Page - RF Micro Devices RF5222 Datasheet HTML 7Page - RF Micro Devices RF5222 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RF5222
Rev A0 DS070717
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation and Application Information
The RF5222 is a two-stage power amplifier (PA) with a minimum gain of 26dB in the 2.4GHz to 2.5GHz ISM band. The RF5222
has integrated input and interstage matching components thus allowing minimal bill of materal (BOM) parts count in end appli-
cations. The RF5222 is designed primarily for IEEE802.11b/g/n WLAN applications where the available supply voltage and
current are limited. This amplifier will operate to (and below) the lowest expected voltage made available by a typical PCMCIA
slot in a laptop PC, and will maintain required linearity at decreased supply voltages. The device is provided in a
2.2mmx2.2mmx0.45mm, 8-pin, QFN with backside ground.
The RF5222 requires only a single positive supply of 3.3V nominal to operate to full specifications. Power control is provided
through one bias voltage pin (VREG). The input DC blocking cap is provided internally and the evaluation board circuit (available
from RFMD, Inc. (RFMD)) is optimized for 3.3VDC applications. For best performance, it is important to duplicate (as closely as
possible) the layout of the evaluation board. The RF5222 has primarily been characterized with a voltage on VREG of 3.1VDC. If
you prefer to use a bias voltage that is significantly different than 3.1VDC, or a different frequency than the recommended fre-
quency range, contact RFMD Sales or Application Engineering for additional data and guidance.
There is no required matching on the RF5222 input or interstage circuits. Only the RF5222 output stage requires matching
allowing the RF5222 to be implemented in applications requiring the fewest end product bill of materials (BOM) parts count
and lowest BOM cost. In most cases, the capacitor used as part of the RF5222 output matching circuit is also employed to
accomplish DC-blocking. The RF5222PCBA evaluation board (available from RF Micro Devices, Inc. (RFMD)) is optimized for
3.3VDC supply input.
For best results, the PA circuit layout from the evaluation board should be copied as closely as possible, particularly the ground
layout and ground vias. Other configurations may also work, but the design process is much easier and quicker if the layout is
copied from the RF5222 evaluation board. Gerber files of RFMD PCBA designs can be provided on request. The RF5222 is a
very easy part to implement, but care in circuit layout and component selection is always advisable when designing circuits to
operate at 2.5GHz. The RF5222 evaluation board layout and schematic are available using 0201 (US) size components which
will help shrink the overall size of the total area of the PA and components of the intended design. Please contact RFMD Sales
or Application Engineering for additional data and guidance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com