Electronic Components Datasheet Search
  English  ▼

X  

RF5222 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5222
Description  3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5222 Datasheet(HTML) 6 Page - RF Micro Devices

  RF5222 Datasheet HTML 1Page - RF Micro Devices RF5222 Datasheet HTML 2Page - RF Micro Devices RF5222 Datasheet HTML 3Page - RF Micro Devices RF5222 Datasheet HTML 4Page - RF Micro Devices RF5222 Datasheet HTML 5Page - RF Micro Devices RF5222 Datasheet HTML 6Page - RF Micro Devices RF5222 Datasheet HTML 7Page - RF Micro Devices RF5222 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF5222
Rev A0 DS070717
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
1
μF
4.7 nH
0.1
μF
56 pF
VREG
VCC
1.8 pF
4.7 nH
330 pF
PDETECT
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
50
Ω μstrip
10 pF
RF OUT
RF IN
35 mils
2Fo Filter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com