Electronic Components Datasheet Search
  English  ▼

X  

RF5222 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5222
Description  3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5222 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5222 Datasheet HTML 1Page - RF Micro Devices RF5222 Datasheet HTML 2Page - RF Micro Devices RF5222 Datasheet HTML 3Page - RF Micro Devices RF5222 Datasheet HTML 4Page - RF Micro Devices RF5222 Datasheet HTML 5Page - RF Micro Devices RF5222 Datasheet HTML 6Page - RF Micro Devices RF5222 Datasheet HTML 7Page - RF Micro Devices RF5222 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
VREG
VC2
RF OUT
1
2
8
7
5
6
4
3
Bias Circuit
Input
Match
Interstage
Match
Power
Detector
2Fo
Filter
RF5222
3.0V TO 4.2V, 2.4GHz TO 2.5GHz
LINEAR POWER AMPLIFIER
The RF5222 is a linear, medium-power, high-efficiency, two-stage ampli-
fier IC designed specifically for battery-powered WLAN applications such
as PC cards, mini PCI, and compact flash applications. The device is man-
ufactured on an advanced InGaP Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use as the final RF
amplifier in 2.5GHz OFDM and other spread-spectrum transmitters. The
device is provided in a 2.2mmx2.2mm, 8-pin, QFN with a backside
ground. The RF5222 is designed to maintain linearity over a wide range of
supply voltage and power output. The RF5222 also has built-in power
detector and incorporates the input and interstage matching components
internally which reduces the component count used externally and makes
it easier to incorporate on any design.
Features
Single Power Supply 3.0V to
4.2V
26dB Minimum Gain, Input
Matched to 50
Ω
2.4GHz to 2.5GHz Frequency
Range
11g POUT=+17dBm@3% Typ
EVM, 125mA
Applications
IEEE802.11b/g/n WLAN
Applications
2.5GHz ISM Band Applica-
tions
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5222
3.0V to 4.2V, 2.4GHz to 2.5GHz Linear Power Amplifier
RF5222PCBA-41X
Fully Assembled Evaluation Board
Rev A0 DS070717
RoHS Compliant & Pb-Free Product
Package Style: QFN, 8-Pin, 2.2mmx2.2mmx0.45mm


Similar Part No. - RF5222

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5216 RFMD-RF5216 Datasheet
499Kb / 22P
Quad-Band GSM, Linear EDGE Transmit Module with Fourteen High Linearity TRX Switch Ports
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WBPCK-410 RFMD-RF5263WBPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WLPCK-410 RFMD-RF5263WLPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5263WMPCK-410 RFMD-RF5263WMPCK-410 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5222

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RF Micro Devices
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5322 RFMD-RF5322 Datasheet
691Kb / 12P
3V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com