Electronic Components Datasheet Search
  English  ▼

X  

SAA7110 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAA7110
Description  One Chip Front-end 1 OCF1
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7110 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAA7110 Datasheet HTML 45Page - NXP Semiconductors SAA7110 Datasheet HTML 46Page - NXP Semiconductors SAA7110 Datasheet HTML 47Page - NXP Semiconductors SAA7110 Datasheet HTML 48Page - NXP Semiconductors SAA7110 Datasheet HTML 49Page - NXP Semiconductors SAA7110 Datasheet HTML 50Page - NXP Semiconductors SAA7110 Datasheet HTML 51Page - NXP Semiconductors SAA7110 Datasheet HTML 52Page - NXP Semiconductors SAA7110 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
1995 Oct 18
49
Philips Semiconductors
Product specification
One Chip Front-end 1 (OCF1)
SAA7110; SAA7110A
16.4.11 SUBADDRESS 2A (DATA BYTE 087 to 080); GAIN CONTROL ANALOG #2
Table 49 Static gain control channel 3 (GAI3); data bits D5 to D0
Table 50 Integration factor white peak (IWIP); data bits D7 and D6
16.4.12 SUBADDRESS 2B (DATA BYTE 095 to 088); GAIN CONTROL ANALOG #3
Table 51 Static gain control channel 4 (GAI4); data bits D5 to D0
Table 52 Integration factor normal gain (IGAI); data bits D7 and D6
DECIMAL MULTIPLIER
GAIN
(step size = 0.19 dB)
CONTROL BITS
GAI35
GAI34
GAI33
GAI32
GAI31
GAI30
0
−2.82 dB
0
0
0
0
0
0
↓
↓
↓↓↓↓↓↓
15
0 dB
0
01111
↓
↓
↓↓↓↓↓↓
31
3 dB
0
11111
↓
↓
↓↓↓↓↓↓
47
6 dB
1
01111
↓
↓
↓↓↓↓↓↓
63
9 dB
1
11111
FUNCTION
CONTROL BITS
Fast selection
IWIP1 = 0; IWIP0 = 0
|
IWIP1 = 0; IWIP0 = 1
|
IWIP1 = 1; IWIP0 = 0
Slow selection
IWIP1 = 1; IWIP0 = 1
DECIMAL MULTIPLIER
GAIN
(step size = 0.19 dB)
CONTROL BITS
GAI45
GAI44
GAI43
GAI42
GAI41
GAI40
0
−2.82 dB
0
0
0
0
0
0
↓
↓
↓↓↓↓↓↓
15
0 dB
0
01111
↓
↓
↓↓↓↓↓↓
31
3 dB
0
11111
↓
↓
↓↓↓↓↓↓
47
6 dB
1
01111
↓
↓
↓↓↓↓↓↓
63
9 dB
1
11111
FUNCTION
CONTROL BITS
Slow selection
IGAI1 = 0; IGAI0 = 0
|
IGAI1 = 0; IGAI0 = 1
|
IGAI1 = 1; IGAI0 = 0
Fast selection
IGAI1 = 1; IGAI0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com