Electronic Components Datasheet Search
  English  ▼

X  

SAA7110 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7110
Description  One Chip Front-end 1 OCF1
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7110 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7110 Datasheet HTML 4Page - NXP Semiconductors SAA7110 Datasheet HTML 5Page - NXP Semiconductors SAA7110 Datasheet HTML 6Page - NXP Semiconductors SAA7110 Datasheet HTML 7Page - NXP Semiconductors SAA7110 Datasheet HTML 8Page - NXP Semiconductors SAA7110 Datasheet HTML 9Page - NXP Semiconductors SAA7110 Datasheet HTML 10Page - NXP Semiconductors SAA7110 Datasheet HTML 11Page - NXP Semiconductors SAA7110 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
1995 Oct 18
8
Philips Semiconductors
Product specification
One Chip Front-end 1 (OCF1)
SAA7110; SAA7110A
Y7
45
Upper 6 bits of the 8-bit luminance (Y) digital output. As part of the digital YUV-bus
(data rate LLC/2), or A/D2(3) output (data rate LLC/2) selectable via I2C-bus bit SQPB = 1.
Y6
46
Y5
47
Y4
48
Y3
49
Y2
50
VSS
51
ground
VDD
52
supply voltage (+5 V)
Y1
53
Lower 2 bits of the 8-bit luminance (Y) digital output. As part of the digital YUV-bus
(data rate LLC/2), or A/D2(3) output (data rate LLC/2) selectable via I2C-bus bit SQPB = 1.
Y0
54
UV7
55
8-bit digital UV (colour difference) output; multiplexed colour difference signal for U and V
component of demodulated CVBS or chrominance signal. The format and multiplexing
scheme can be selected via I2C-bus control. These signals are part of the digital YUV-bus
(data rate LLC/2), or A/D3(2) output (data rate LLC/2) selectable via I2C-bus bit SQPB = 1.
UV6
56
UV5
57
UV4
58
UV3
59
UV2
60
UV1
61
UV0
62
FEIN
(MUXC)
63
Fast Enable input (active LOW); this signal is used to control fast switching on the digital
YUV-bus. A high at this input forces the IC to set its Y and UV outputs to the high impedance
state. To use this function set I2C-bus bits MS24 and MS34 and MUYC to LOW.
(Multiplex Components input; control signal for the analog multiplexers for fast switching
between locked Y/C signals or locked CVBS signals. FEIN automatically fixed to LOW (digital
YUV-bus enabled), if one of the three MUXC functions are selected (MS24 or MS34 or
MUYC = HIGH).
GPSW
(VBLK)
64
General Purpose Switch output; the state of this signal is programmable via I2C-bus register
0Dh, bit 1. Select GPSW function via I2C-bus bit VBLKA = 0. (Vertical Blank test output; select
VBLK via I2C-bus bit VBLKA = 1).
XTALO
65
Crystal oscillator output (to 26.8 MHz crystal); not used if TTL clock is used.
XTALI
66
Crystal oscillator input (from 26.8 MHz crystal) or connection of external oscillator with TTL
compatible square wave clock signal.
VSS
67
ground
VDD
68
supply voltage (+5 V)
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com