Electronic Components Datasheet Search
  English  ▼

X  

SAA7110 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7110
Description  One Chip Front-end 1 OCF1
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7110 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7110 Datasheet HTML 14Page - NXP Semiconductors SAA7110 Datasheet HTML 15Page - NXP Semiconductors SAA7110 Datasheet HTML 16Page - NXP Semiconductors SAA7110 Datasheet HTML 17Page - NXP Semiconductors SAA7110 Datasheet HTML 18Page - NXP Semiconductors SAA7110 Datasheet HTML 19Page - NXP Semiconductors SAA7110 Datasheet HTML 20Page - NXP Semiconductors SAA7110 Datasheet HTML 21Page - NXP Semiconductors SAA7110 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
1995 Oct 18
18
Philips Semiconductors
Product specification
One Chip Front-end 1 (OCF1)
SAA7110; SAA7110A
Digital inputs
VIL
LOW level input voltage
SDA and SCL
−0.5
−
+1.5
V
VIH
HIGH level input voltage
SDA and SCL
3.0
−
VDD + 0.5
V
VIL(clk)
LOW level input voltage for
clocks
−0.5
−
+0.6
V
VIH(clk)
HIGH level input voltage for
clocks
2.4
−
VDD + 0.5
V
VIH(XTALI)
HIGH level input voltage XTALI
3.0
−
VDD + 0.5
V
VIL(n)
LOW level input voltage all other
inputs
−0.5
−
+0.8
V
VIH(n)
HIGH level input voltage all other
inputs
2.0
−
VDD + 0.5
V
ILI
input leakage current
−−
10
µA
Ci(clk)
input capacitance for clocks
−−
10
pF
Ci(I/O)
input capacitance
I/Os at high impedance
−−
8pF
Ci(n)
input capacitance all other inputs
−−
8pF
Digital outputs
VLFCO
LFCO output voltage
(peak-to-peak value)
note 1
1.4
−
2.6
V
VOL
LOW level output voltage
note 2
0
−
0.6
V
VOH
HIGH level output voltage
note 2
2.4
−
VDD
V
VOL(clk)
LOW level output voltage for
clocks
−0.5
−
+0.6
V
VOH(clk)
HIGH level output voltage for
clocks
2.6
−
VDD + 0.5
V
Clock input timing (LLC)
Tcy
cycle time
31
−
45
ns
δ
duty factor for tLLCH/Tcy
40
−
60
%
tr
rise time
Vi = 0.6 to 2.4 V
−−
5ns
tf
fall time
Vi = 2.4 to 0.6 V
−−
5ns
Control and CREF input timing (note 3)
tSU;DAT
input data set-up time
11
−−
ns
tHD;DAT
input data hold time
3
−−
ns
tHD;FEIN
input data hold time for FEIN
3
−−
ns
tHD;OTHER
input data hold time all other
inputs
note 3
6
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com