Electronic Components Datasheet Search
  English  ▼

X  

SAA7183A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SAA7183A
Description  Digital Video Encoder EURO-DENC2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7183A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SAA7183A Datasheet HTML 18Page - NXP Semiconductors SAA7183A Datasheet HTML 19Page - NXP Semiconductors SAA7183A Datasheet HTML 20Page - NXP Semiconductors SAA7183A Datasheet HTML 21Page - NXP Semiconductors SAA7183A Datasheet HTML 22Page - NXP Semiconductors SAA7183A Datasheet HTML 23Page - NXP Semiconductors SAA7183A Datasheet HTML 24Page - NXP Semiconductors SAA7183A Datasheet HTML 25Page - NXP Semiconductors SAA7183A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
1996 Oct 02
22
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC2)
SAA7182A; SAA7183A
Table 18 Subaddress 61:
DATA BYTE
LOGIC LEVEL
DESCRIPTION
FISE
0
864 total pixel clocks per line; default after reset
1
858 total pixel clocks per line
PAL
0
NTSC encoding (non-alternating V component)
1
PAL encoding (alternating V component); default after reset
SCBW
0
enlarged bandwidth for chrominance encoding (for overall transfer characteristic of
chrominance in baseband representation see Figs 5 and 6); wide clipping for
SECAM
1
standard bandwidth for chrominance encoding (for overall transfer characteristic of
chrominance in baseband representation see Figs 5 and 6); default after reset
SECAM
0
no SECAM encoding; default after reset
1
SECAM encoding activated
YGS
0
luminance gain for white
− black 100 IRE; default after reset
1
luminance gain for white
− black 92.5 IRE including 7.5 IRE set-up of black
INPI
0
PAL switch phase is nominal; default after reset
1
PAL switch phase is inverted compared to nominal
DOWNA
0
DACs for CVBS, Y and C in normal operational mode; default after reset
1
DACs for CVBS, Y and C forced to lowest output voltage
DOWNB
0
DACs for R, G and B in normal operational mode; default after reset
1
DACs for R, G and B forced to lowest output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com