Electronic Components Datasheet Search
  English  ▼

X  

SAA7183A Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAA7183A
Description  Digital Video Encoder EURO-DENC2
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7183A Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAA7183A Datasheet HTML 30Page - NXP Semiconductors SAA7183A Datasheet HTML 31Page - NXP Semiconductors SAA7183A Datasheet HTML 32Page - NXP Semiconductors SAA7183A Datasheet HTML 33Page - NXP Semiconductors SAA7183A Datasheet HTML 34Page - NXP Semiconductors SAA7183A Datasheet HTML 35Page - NXP Semiconductors SAA7183A Datasheet HTML 36Page - NXP Semiconductors SAA7183A Datasheet HTML 37Page - NXP Semiconductors SAA7183A Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
1996 Oct 02
34
Philips Semiconductors
Preliminary specification
Digital Video Encoder (EURO-DENC2)
SAA7182A; SAA7183A
CHARACTERISTICS
VDDD(3) = 3.0 to 3.6 V; VDDD(5) = 4.75 to 5.25 V; Tamb =0to+70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Supply
VDDA(3)
analog supply voltage (3.3 V)
3.1
3.5
V
VDDD(3)
digital supply voltage (3.3 V)
3.0
3.6
V
VDDD(5)
digital supply voltage (5 V)
4.75
5.25
V
IDDA
analog supply current
note 1
−
110
mA
IDDD(3)
digital supply current (3.3 V)
note 1
−
80
mA
IDDD(5)
digital supply current (5 V)
note 1
−
10
mA
Inputs
VIL
LOW level input voltage
(except SDA, SCL, AP, SP and XTALI)
−0.5
+0.8
V
VIH
HIGH level input voltage
(except LLC, SDA, SCL, AP, SP and XTALI)
2.0
VDDD(5) + 0.5 V
HIGH level input voltage (LLC)
2.4
VDDD(5) + 0.5 V
ILI
input leakage current
−
1
µA
Ci
input capacitance
clocks
−
10
pF
data
−
8pF
I/Os at high impedance
−
8pF
Outputs
VOL
LOW level output voltage
(except SDA and XTALO)
note 2
0
0.6
V
VOH
HIGH level output voltage
(except LLC, SDA, and XTALO)
note 2
2.4
VDDD(5) + 0.5 V
HIGH level output voltage (LLC)
note 2
2.6
VDDD(5) + 0.5 V
I2C-bus; SDA and SCL
VIL
LOW level input voltage
−0.5
+1.5
V
VIH
HIGH level input voltage
3.0
VDDD(5) + 0.5 V
Ii
input current
Vi = LOW or HIGH
−10
+10
µA
VOL
LOW level output voltage (SDA)
IOL =3mA
−
0.4
V
Io
output current
during acknowledge
3
−
mA
Clock timing (LLC)
TLLC
cycle time
note 3
34
41
ns
δ
duty factor tHIGH/TLLC
note 4
40
60
%
tr
rise time
note 3
−
5ns
tf
fall time
note 3
−
6ns
Input timing
tSU;DAT
input data set-up time (any other except
CDIR, SCL, SDA, RESET, AP and SP)
6
−
ns
tHD;DAT
input data hold time (any other except
CDIR, SCL, SDA, RESET, AP and SP)
3
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com