Electronic Components Datasheet Search
  English  ▼

X  

B32343C Datasheet(PDF) 3 Page - EPCOS

Part # B32343C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C Datasheet(HTML) 3 Page - EPCOS

  B32343C Datasheet HTML 1Page - EPCOS B32343C Datasheet HTML 2Page - EPCOS B32343C Datasheet HTML 3Page - EPCOS B32343C Datasheet HTML 4Page - EPCOS B32343C Datasheet HTML 5Page - EPCOS B32343C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Capacitors
B32343C
Power Factor Correction
Dimensional drawing
KLK1670-2
M12
Marking
FAST-ON
Terminal 6,35 x 0,8
Creepage distance
10.5 mm (ø 53)
10.0 mm (ø 63.5)
Clearance
13.0 mm (ø 53)
16.5 mm (ø 63.5)
Diameter (ø)
53 mm
63.5 mm
Expansion
α
max. 12 mm
Mounting
M12
M8
(ø 63.5 mm) (ø 53 mm)
Torque
T=10 Nm
T=4 Nm
Toothed
J12.5
J8.0
washer
DIN 6797
DIN 6797
Hex nut
BM12
BM8
DIN 439
DIN 439
FK PM PFC
December 2004
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com