Electronic Components Datasheet Search
  English  ▼

X  

B32343C Datasheet(PDF) 5 Page - EPCOS

Part # B32343C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C Datasheet(HTML) 5 Page - EPCOS

  B32343C Datasheet HTML 1Page - EPCOS B32343C Datasheet HTML 2Page - EPCOS B32343C Datasheet HTML 3Page - EPCOS B32343C Datasheet HTML 4Page - EPCOS B32343C Datasheet HTML 5Page - EPCOS B32343C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Power Capacitors
B32343C
Power Factor Correction
Rated voltage: 525 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP525-D-1.0
1.0
1.1
1.2
1.3
3 * 4
53 x 114
0.30
B32343C5012A020
MKP525-D-1.5
1.5
1.6
1.8
2.0
3 * 6
53 x 114
0.30
B32343C5012A520
MKP525-D-2.0
2.0
2.2
2.4
2.6
3 * 8
63.5 x 129
0.40
B32343C5022A020
MKP525-D-2.5
2.5
2.7
2.7
3.0
3 * 9
63.5 x 129
0.40
B32343C5022A520
FK PM PFC
December 2004
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com