Electronic Components Datasheet Search
  English  ▼

X  

B32343C Datasheet(PDF) 4 Page - EPCOS

Part # B32343C
Description  Power Capacitors Power Factor Correction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C Datasheet(HTML) 4 Page - EPCOS

  B32343C Datasheet HTML 1Page - EPCOS B32343C Datasheet HTML 2Page - EPCOS B32343C Datasheet HTML 3Page - EPCOS B32343C Datasheet HTML 4Page - EPCOS B32343C Datasheet HTML 5Page - EPCOS B32343C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power Capacitors
B32343C
Power Factor Correction
Rated voltage: 230 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP230-D-0.5
0.5
1.3
0.6
1.6
3 * 10
53 x 114
0.30
B32343C2002A530
MKP230-D-0.7
0.7
1.9
0.9
2.3
3 * 15
53 x 114
0.30
B32343C2002A730
MKP230-D-1.0
1.0
2.5
1.2
3.0
3 * 20
63.5 x 129
0.30
B32343C2012A030
MKP230-D-1.5
1.5
3.8
1.8
4.6
3 * 30
63.5 x 129
0.40
B32343C2012A530
Rated voltage: 400 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP400-D-1.0
1.0
1.4
1.2
1.7
3 * 7
53 x 114
0.30
B32343C4012A000
MKP400-D-1.5
1.5
2.2
1.8
2.6
3 * 10
53 x 114
0.30
B32343C4012A500
MKP400-D-2.0
2.0
2.9
2.4
3.5
3 * 13
63.5 x 129
0.40
B32343C4022A000
MKP400-D-2.5
2.5
3.6
3.0
4.3
3 * 17
63.5 x 129
0.40
B32343C4022A500
MKP400-D-5.0
5.0
7.2
6.0
8.6
3 * 33
63.5 x 129
0.40
B32343C4052A000
Rated voltage: 415 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP415-D-1.0
1.0
1.4
1.2
1.6
3 * 6
53 x 114
0.30
B32343C4012A010
MKP415-D-1.5
1.5
2.1
1.8
2.4
3 * 9
53 x 114
0.30
B32343C4012A510
MKP415-D-2.0
2.0
2.8
2.4
3.4
3 * 12
53 x 114
0.40
B32343C4022A010
MKP415-D-2.5
2.5
3.5
3.0
4.2
3 * 15
63.5 x 129
0.40
B32343C4022A510
MKP415-D-5.0
5.0
7.0
6.0
8.4
3 * 31
63.5 x 154
0.40
B32343C4052A010
Rated voltage: 440 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP440-D-0.9
0.9
1.2
1.0
1.3
3 * 5
53 x 114
0.30
B32343C4011A040
MKP440-D-1.0
1.0
1.3
1.2
1.6
3 * 6
53 x 114
0.30
B32343C4012A040
MKP440-D-1.2
1.2
1.6
1.5
2.0
3 * 7
53 x 114
0.30
B32343C4011A540
MKP440-D-1.5
1.5
2.0
1.8
2.3
3 * 8
53 x 114
0.30
B32343C4012A540
MKP440-D-2.1
2.1
2.7
2.5
3.3
3 * 11
53 x 114
0.40
B32343C4021A540
MKP440-D-2.5
2.5
3.3
3.0
3.9
3 * 13
63.5 x 129
0.30
B32343C4022A540
MKP440-D-4.2
4.2
5.5
5.0
6.6
3 * 23
63.5 x 129
0.40
B32343C4051A040
MKP440-D-5.0
5.0
6.5
6.0
7.8
3 * 27
63.5 x 154
0.50
B32343C4052A040
Rated voltage: 480 VAC, 50/60 Hz, delta connection
Type
50 Hz
60 Hz
CN
d x h
Weight
Ordering code
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
MKP480-D-1.5
1.5
1.8
1.8
2.2
3 * 7
63.5 x 129
0.40
B32343C4012A580
MKP480-D-2.0
2.0
2.4
2.4
2.9
3 * 9
63.5 x 129
0.40
B32343C4022A080
MKP480-D-2.5
2.5
3.0
3.0
3.6
3 *11
63.5 x 129
0.40
B32343C4022A580
FK PM PFC
December 2004
Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com