Electronic Components Datasheet Search
  English  ▼

X  

B41852 Datasheet(PDF) 1 Page - EPCOS

Part # B41852
Description  Single-Ended GP Capacitors Low Profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41852 Datasheet(HTML) 1 Page - EPCOS

  B41852 Datasheet HTML 1Page - EPCOS B41852 Datasheet HTML 2Page - EPCOS B41852 Datasheet HTML 3Page - EPCOS B41852 Datasheet HTML 4Page - EPCOS B41852 Datasheet HTML 5Page - EPCOS B41852 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
391 10/02
General-purpose grade capacitors
Ultra-miniaturized dimensions
Applications
I General-purpose applications,
mainly used in compact electronic equipments
Features
I Ultra-miniaturized dimensions
I Low profile
Construction
I Dimension 4
× 5 mm
I Charge-discharge proof, polar
I Aluminum case with insulating sleeve
I Minus pole marking on the insulation sleeve
I Stand off rubber seal
Delivery mode
I Bulk
I Taped, Ammo pack
Refer to page 503 for further details and ordering example.
KAL0707-F
B41852
Single-Ended GP Capacitors
Low Profile – 105 °C
B41852


Similar Part No. - B41852

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
Aluminum electrolytic capacitors
More results

Similar Description - B41852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
Single Ended GP - Capacitors
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
Single-ended capacitors
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
Single-Ended Capacitors Low Leakage Current
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
Single-Ended Capacitors Very Low Impedance
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
Single-Ended Capacitors
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com