Electronic Components Datasheet Search
  English  ▼

X  

B41852 Datasheet(PDF) 3 Page - EPCOS

Part # B41852
Description  Single-Ended GP Capacitors Low Profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41852 Datasheet(HTML) 3 Page - EPCOS

  B41852 Datasheet HTML 1Page - EPCOS B41852 Datasheet HTML 2Page - EPCOS B41852 Datasheet HTML 3Page - EPCOS B41852 Datasheet HTML 4Page - EPCOS B41852 Datasheet HTML 5Page - EPCOS B41852 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
393 10/02
B41852
Low Profile – 105 °C
Overview of available types
Other capacitance and voltage ratings are available upon request.
Technical data and ordering codes
1) * = "0" for bulk version.
For taping versions, other lead configurations and packing information see page 503
UR (VDC)
10
16
25
35
50
CR (µF)
Case dimensions
d
× l (mm)
0,1
4
× 5
0,22
4
× 5
0,33
4
× 5
0,47
4
× 5
1
4
× 5
2,2
4
× 5
3,3
4
× 54 × 5
4,7
4
× 54 × 5
10
4
× 5
15
4
× 5
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Ω
I~R
120 Hz
105
°C
mA
Ordering code1)
10
15
4
× 5
3,0
0,20
18
20
B41852A3156M00*
16
10
4
× 5
3,0
0,17
23
18
B41852A4106M00*
25
4,7
4
× 5
3,0
0,15
42
13
B41852A5475M00*
35
3,3
4
× 5
3,0
0,12
48
11
B41852A7335M00*
4,7
4
× 5
3,0
0,12
34
14
B41852A7475M00*
50
0,10
4
× 5
3,0
0,10
1 326
1,0
B41852A6104M00*
0,22
4
× 5
3,0
0,10
603
2,0
B41852A6224M00*
0,33
4
× 5
3,0
0,10
402
3,0
B41852A6334M00*
0,47
4
× 5
3,0
0,10
282
3,8
B41852A6474M00*
1,0
4
× 5
3,0
0,10
133
6,0
B41852A6105M00*
2,2
4
× 5
3,0
0,10
60
11
B41852A6225M00*
3,3
4
× 5
3,0
0,10
40
13
B41852A6335M00*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com