Electronic Components Datasheet Search
  English  ▼

X  

B41852 Datasheet(PDF) 4 Page - EPCOS

Part # B41852
Description  Single-Ended GP Capacitors Low Profile
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41852 Datasheet(HTML) 4 Page - EPCOS

  B41852 Datasheet HTML 1Page - EPCOS B41852 Datasheet HTML 2Page - EPCOS B41852 Datasheet HTML 3Page - EPCOS B41852 Datasheet HTML 4Page - EPCOS B41852 Datasheet HTML 5Page - EPCOS B41852 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
394 10/02
B41852
Low Profile – 105 °C
Equivalent series resistance
ESR
at
f = 120 Hz versus temperature T
Typical behavior
Impedance Z at
f = 10 kHz
versus temperature
T
Typical behavior
Impedance Z
versus frequency
f and temperature T
for 0,47
µF/50 VDC
Typical behavior
Impedance Z
versus frequency
f and temperature T
for 10
µF/16 VDC
Typical behavior
40
40
0_
2
4
0
16 V
50 V
20
_
20
ESR
6
25 ˚C
8
ESR
12
T
B41852
120
80
60
˚C
T
KAL0745-S
40
0,47 µF/50 V
10 µF/16 V
40
10 _
_1
10 0
0
20
_
20
Z
10 1
10
Ω
2
B41852
120
80
60
˚C
T
KAL0746-1
10
10 0
10 1
2
1
10
10 3
Z
10 2
10 3
10
Ω
4
10
105 ˚C
10 4
10 5 Hz
f
20 ˚C
0 ˚C
6
KAL0747-9
40 ˚C
25 ˚C
_
_
B41852
10
10
_1
10 0
2
1
10
10 3
Z
10 1
10 2
10
Ω
3
10
105 ˚C
10 4
10 5 Hz
f
6
KAL0748-H
40 ˚C
25 ˚C
20 ˚C
_
_
0 ˚C
B41852



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com