Electronic Components Datasheet Search
  English  ▼

X  

B68450 Datasheet(PDF) 1 Page - EPCOS

Part # B68450
Description  FPC C302
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B68450 Datasheet(HTML) 1 Page - EPCOS

  B68450 Datasheet HTML 1Page - EPCOS B68450 Datasheet HTML 2Page - EPCOS B68450 Datasheet HTML 3Page - EPCOS B68450 Datasheet HTML 4Page - EPCOS B68450 Datasheet HTML 5Page - EPCOS B68450 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
559 08/01
Ferrite cores are familiar as brittle, rigid and bulky components for high-inductance coils and trans-
formers. The performance of such ferrites depends very much on external influences such as tem-
perature, pressure, electromagnetic fields and frequency.
FPC is a homogeneous mixture of ferrite powder and plastic with outstanding mechanical and mag-
netic properties. This rugged material can be processed into injection-molded parts or thin, flexible
film to open up innovative applications.
The new C351 film is suitable for high-temperature applications up to 200
°C and is UL 94-V0-listed.
It is also available with copper coatings of 35 to 75
µm and in various thicknesses from 0,2 to
0,4 mm. FPC film of materials C350 and C351 can also be supplied in self-adhesive versions.
FPC film is ideal for EMC applications, e.g. to shield coils against metals or absorb interference at
frequencies of 500 MHz and higher. It opens up many other applications, such as implementation
of low-profile coils for identification systems and electronic article surveillance in retailing and logis-
tics, for sensors or contactless smart cards. FPC can also be used for compensation of deflection
yoke coils in TV picture tubes and computer monitors. This innovative material is also suitable as
spacing between ferrite cores – instead of air gaps or non-magnetic films – to suppress leakage
fields, for instance, or to adjust the biasing curve.
Ferrite polymer composites
General Information
Ferrite Polymer Composites


Similar Part No. - B68450

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
B684FSE-2 SENSATA-B684FSE-2 Datasheet
409Kb / 4P
POWER MODULES
Rev.04/23/2024
B684FSE-2T SENSATA-B684FSE-2T Datasheet
409Kb / 4P
POWER MODULES
Rev.04/23/2024
More results

Similar Description - B68450

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
FPC Connector
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
FPC Connector
logo
Japan Aviation Electron...
FI-X30MA1 JAE-FI-X30MA1 Datasheet
140Kb / 1P
FPC SIDE
FI-X30M-NPB JAE-FI-X30M-NPB Datasheet
120Kb / 1P
FPC SIDE
logo
Tyco Electronics
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
FPC Connector Family
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
FPC Connector Family
logo
Pulse A Technitrol Comp...
W3334B0100 PULSE-W3334B0100 Datasheet
1Mb / 15P
FPC ANTENNA 2.4
W3908B0100 PULSE-W3908B0100 Datasheet
511Kb / 9P
GNSS FPC Antenna
W3961XXXXX PULSE-W3961XXXXX Datasheet
923Kb / 7P
CBRS FPC Antenna FPC Antenna
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com