Electronic Components Datasheet Search
  English  ▼

X  

B68450 Datasheet(PDF) 4 Page - EPCOS

Part # B68450
Description  FPC C302
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B68450 Datasheet(HTML) 4 Page - EPCOS

  B68450 Datasheet HTML 1Page - EPCOS B68450 Datasheet HTML 2Page - EPCOS B68450 Datasheet HTML 3Page - EPCOS B68450 Datasheet HTML 4Page - EPCOS B68450 Datasheet HTML 5Page - EPCOS B68450 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
562 08/01
Ordering details
FPC film is supplied in units of 50 m length.
1) Copper coating only in combination with C351.
The ordering codes are structured as follows:
1st group
Design
2nd group
Film thickness/width
3rd group
Copper coating1)/material
B68450: Film on reel
A: 0,2 mm
B: 0,3 mm
C: 0,4 mm
0080: 80 mm
X: Default letter
350
351
B68451: Film on reel,
self-adhesive
B68452: Film on reel,
copper-coated
(only in combination(with C351!)
A: 35
µm
B: 50
µm
C: 75
µm
351
Material
Thickness
(mm)
Extra features
Ordering code
C350
0,2
B68450-A0080-X350
C351
0,2
B68450-A0080-X351
C350
0,2
self-adhesive
B68451-A0080-X350
C350
0,2
B68451-A0080-X350
C351
0,3
self-adhesive
B68451-B0080-X351
C351
0,3
B68451-B0080-X351
C351
0,2
copper-coated
B68452-A0080-X351
C351
0,2
B68452-A0080-X351
B68450 … B68452
C 350, C 351
FPC Film



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com