Electronic Components Datasheet Search
  English  ▼

X  

B68450 Datasheet(PDF) 5 Page - EPCOS

Part # B68450
Description  FPC C302
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B68450 Datasheet(HTML) 5 Page - EPCOS

  B68450 Datasheet HTML 1Page - EPCOS B68450 Datasheet HTML 2Page - EPCOS B68450 Datasheet HTML 3Page - EPCOS B68450 Datasheet HTML 4Page - EPCOS B68450 Datasheet HTML 5Page - EPCOS B68450 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
563 08/01
Physical properties (material values defined on 0,2 mm thick film)
1) T = 25
°C in accordance with IEC 51 (CO) 282
2) T = 23
°C and 50 % r.h.
3) UL 94, flame class V0 (listed E 140 693)
Material
Symbol
Unit
C350
C3513)
Initial permeability1)
f = 1 MHz
µi
9
± 20 %
9
± 20 %
Flux density (near saturation)1)
H = 25 kA/m
f = 10 kHz
BS
mT
255
255
Remanent flux density1)
H = 25 kA/m
f = 10 kHz
Br
mT
9
9
Coercive field strength1)
H = 25 kA/m
f = 10 kHz
HC
A/m
600
600
Relative loss factor1)
f = 10 MHz
f = 1 GHz
tan
δ/µi
< 0,005
< 0,400
< 0,005
< 0,400
Hysteresis material constant
ηB
10-3/mT
< 2
< 2
Temperature coefficient1)
α = ∆µ/µ∆T
1/K
< 5 · 10–5
< 5 · 10–5
Density
kg/m3
2930
2930
Resistivity 1)
f = 1 kHz
f = 10 MHz
ρΩm
500
100
500
100
Dielectric constant1)
f = 1 kHz
f = 10 MHz
εr
700
21
700
21
Dielectric strength
kV/mm
1
0,8
Max. operating temperature
Tmax
°C
120
200
Tensile strength2)
σZ
N/mm2
1,5
2,5
Tearing resistance2)
%25
25
Compressibility2)
κ
N/mm2
70
70
B68450 … B68452
C 350, C 351
FPC Film



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com