Electronic Components Datasheet Search
  English  ▼

X  

MAX211 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX211 Datasheet HTML 5Page - Texas Instruments MAX211 Datasheet HTML 6Page - Texas Instruments MAX211 Datasheet HTML 7Page - Texas Instruments MAX211 Datasheet HTML 8Page - Texas Instruments MAX211 Datasheet HTML 9Page - Texas Instruments MAX211 Datasheet HTML 10Page - Texas Instruments MAX211 Datasheet HTML 11Page - Texas Instruments MAX211 Datasheet HTML 12Page - Texas Instruments MAX211 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
50
Ω
Generator
(see Note B)
3 V or 0 V
0 V
SHDN
EN
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
C. tPLZ and tPHZ are the same as tdis.
D. tPZL and tPZH are the same as ten.
RL
S1
VCC
GND
CL
(see Note A)
Output
VOLTAGE WAVEFORMS
VOH − 0.1 V
VOL
VOH
tPZH
(S1 at GND)
3 V
0 V
VOL + 0.1 V
Input
1.5 V
1.5 V
tPHZ
(S1 at GND)
tPLZ
(S1 at VCC)
0.8 V
tPZL
(S1 at VCC)
3.5 V
Output
Output
Figure 5. Receiver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com