Electronic Components Datasheet Search
  English  ▼

X  

MAX211 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211 Datasheet(HTML) 2 Page - Texas Instruments

  MAX211 Datasheet HTML 1Page - Texas Instruments MAX211 Datasheet HTML 2Page - Texas Instruments MAX211 Datasheet HTML 3Page - Texas Instruments MAX211 Datasheet HTML 4Page - Texas Instruments MAX211 Datasheet HTML 5Page - Texas Instruments MAX211 Datasheet HTML 6Page - Texas Instruments MAX211 Datasheet HTML 7Page - Texas Instruments MAX211 Datasheet HTML 8Page - Texas Instruments MAX211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables
INPUTS
DRIVER
RECEIVER
DEVICE STATUS
SHDN
EN
DRIVER
RECEIVER
DEVICE STATUS
L
L
All active
All active
Normal operation
L
H
All active
Z
Normal operation
H
X
Z
Z
Shutdown
X = don’t care, Z = high impedance
EACH DRIVER
INPUTS
OUTPUT
DRIVER STATUS
DIN
SHDN
OUTPUT
DOUT
DRIVER STATUS
L
L
H
Normal operation
H
LL
Normal operation
X
H
Z
Powered off
X = don’t care, Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RECEIVER STATUS
RIN
EN
OUTPUT
ROUT
RECEIVER STATUS
L
L
H
Normal operation
H
LL
Normal operation
X
H
Z
Powered off
X = don’t care, Z = high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com