Electronic Components Datasheet Search
  English  ▼

X  

MAX211 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MAX211
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX211 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MAX211 Datasheet HTML 8Page - Texas Instruments MAX211 Datasheet HTML 9Page - Texas Instruments MAX211 Datasheet HTML 10Page - Texas Instruments MAX211 Datasheet HTML 11Page - Texas Instruments MAX211 Datasheet HTML 12Page - Texas Instruments MAX211 Datasheet HTML 13Page - Texas Instruments MAX211 Datasheet HTML 14Page - Texas Instruments MAX211 Datasheet HTML 15Page - Texas Instruments MAX211 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MAX211
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS567E − MAY 2003 − REVISED JANUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
100
150
200
50
0
1.5
1.0
0.5
0.0
Time − ns
VHBM = 2 kV
DUT = 10 V, 1-
Ω Zener Diode
Figure 8. Typical HBM Current Waveform
Machine Model
The Machine Model (MM) ESD test applies to all pins, using a 200-pF capacitor with no discharge resistance.
The purpose of the MM test is to simulate possible ESD conditions that can occur during the handling and
assembly processes of manufacturing. In this case, ESD protection is required for all pins, not just RS-232 pins.
However, after PC board assembly, the MM test no longer is as pertinent to the RS-232 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com