Electronic Components Datasheet Search
  English  ▼

X  

IRF6216PBF. Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6216PBF.
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF. Datasheet(HTML) 5 Page - International Rectifier

  IRF6216PBF. Datasheet HTML 1Page - International Rectifier IRF6216PBF. Datasheet HTML 2Page - International Rectifier IRF6216PBF. Datasheet HTML 3Page - International Rectifier IRF6216PBF. Datasheet HTML 4Page - International Rectifier IRF6216PBF. Datasheet HTML 5Page - International Rectifier IRF6216PBF. Datasheet HTML 6Page - International Rectifier IRF6216PBF. Datasheet HTML 7Page - International Rectifier IRF6216PBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF6216
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000

Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJA
A

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
T , Case Temperature ( C)
°
C
VDS
VGS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com