Electronic Components Datasheet Search
  English  ▼

X  

IRF6216PBF. Datasheet(PDF) 7 Page - International Rectifier

Part # IRF6216PBF.
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6216PBF. Datasheet(HTML) 7 Page - International Rectifier

  IRF6216PBF. Datasheet HTML 1Page - International Rectifier IRF6216PBF. Datasheet HTML 2Page - International Rectifier IRF6216PBF. Datasheet HTML 3Page - International Rectifier IRF6216PBF. Datasheet HTML 4Page - International Rectifier IRF6216PBF. Datasheet HTML 5Page - International Rectifier IRF6216PBF. Datasheet HTML 6Page - International Rectifier IRF6216PBF. Datasheet HTML 7Page - International Rectifier IRF6216PBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF6216
www.irf.com
7
SO-8 Package Details
K x 4 5 °
C
8X
L
8X
θ
H
0 .2 5 (.0 1 0 )
M
A M
A
0 .10 (.00 4)
B 8 X
0 .2 5 (.0 1 0 )
M
C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RE CO M M E NDE D F O O T P R IN T
0.7 2 (.028 )
8X
1.78 (.0 7 0 )
8 X
6.46 ( .2 55 )
1.2 7 ( .0 50 )
3 X
DIM
IN C H E S
M ILLIM E T E R S
M IN
M A X
M IN
M A X
A
.05 32
.06 88
1.3 5
1.75
A 1
.00 40
.00 98
0.1 0
0.25
B
.01 4
.01 8
0.3 6
0.46
C
.00 75
.009 8
0.19
0.25
D
.18 9
.196
4.80
4.98
E
.15 0
.15 7
3.8 1
3.99
e
.05 0 B A S IC
1.27 B A S IC
e1
.02 5 B A S IC
0 .635 B A S IC
H
.22 84
.244 0
5.8 0
6.20
K
.01 1
.01 9
0.2 8
0.48
L
0.16
.05 0
0.4 1
1.27
θ
0°
8°
0°
8 °
NO T E S:
1 . DIM E N S IO NING AN D T O L E R A NCING P E R ANS I Y1 4 .5 M -1 9 8 2 .
2 . C O N T R O L L IN G D IM E N S IO N : IN C H .
3 . DIM E N S IO NS A R E SHO W N IN M IL L IM ET E R S (INCHE S).
4 . O U T L IN E C O N F O R M S T O J E D E C O U T L IN E M S -0 1 2 A A .
DIM E NS IO N DO ES NO T IN C L UD E M O L D PRO T RUS IO NS
M O L D P R O T R U S IO N S N O T T O E X C E E D 0 .2 5 (.0 0 6 ).
D IM E N S IO N S IS T H E L E N G T H O F L E A D F O R S O L D E R IN G T O A S U B S T R A T E ..
5
6
A1
e1
θ
SO-8 Part Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com