Electronic Components Datasheet Search
  English  ▼

X  

F7210 Datasheet(PDF) 2 Page - International Rectifier

Part # F7210
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7210 Datasheet(HTML) 2 Page - International Rectifier

  F7210 Datasheet HTML 1Page - International Rectifier F7210 Datasheet HTML 2Page - International Rectifier F7210 Datasheet HTML 3Page - International Rectifier F7210 Datasheet HTML 4Page - International Rectifier F7210 Datasheet HTML 5Page - International Rectifier F7210 Datasheet HTML 6Page - International Rectifier F7210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7210
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-14
–––
–––
V
VGS = 0V, ID = -5.0mA
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.011 –––
V/°C Reference to 25°C, ID = -1mA
––– .005 .007
VGS = -4.5V, ID = -16A
‚
––– .007 .010
VGS = -2.5V, ID = -12A
‚
VGS(th)
Gate Threshold Voltage
-0.6 –––
–––
V
VDS = VGS, ID = -500µA
gfs
Forward Transconductance
16
–––
–––
S
VDS = -10V, ID = -16A
––– –––
-10
VDS = -12V, VGS = 0V
––– ––– -1.0
VDS = -9.6V, VGS = 0V
––– ––– -100
VDS = -12V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
––– 212 –––
ID = -10A
Qgs
Gate-to-Source Charge
–––
27
–––
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
52
–––
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
50
–––
ns
VDD = -10V
tr
Rise Time
–––
3.0
–––
ID = -10A
td(off)
Turn-Off Delay Time
–––
6.5
–––
RD = 1.0Ω
tf
Fall Time
–––
30
–––
RG = 6.2Ω
‚
Ciss
Input Capacitance
––– 17179 –––
VGS = 0V
Coss
Output Capacitance
––– 9455 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 8986 –––
ƒ = 1.0kHz
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
165 247
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse RecoveryCharge
–––
296 444
nC
di/dt = 85A/µs
‚
Source-Drain Ratings and Characteristics
–––
–––
––– –––
-100
-2.5
A
ƒ When mounted on 1 inch square copper board, t<10 sec
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
µs
S
D
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com