Electronic Components Datasheet Search
  English  ▼

X  

F7210 Datasheet(PDF) 1 Page - International Rectifier

Part # F7210
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

F7210 Datasheet(HTML) 1 Page - International Rectifier

  F7210 Datasheet HTML 1Page - International Rectifier F7210 Datasheet HTML 2Page - International Rectifier F7210 Datasheet HTML 3Page - International Rectifier F7210 Datasheet HTML 4Page - International Rectifier F7210 Datasheet HTML 5Page - International Rectifier F7210 Datasheet HTML 6Page - International Rectifier F7210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
±16
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
±12
A
IDM
Pulsed Drain Current

±100
PD @TA = 25°C
Power Dissipation
2.5
PD @TA = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
16
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
10/19/04
IRF7210
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
These P-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of power
applications. With these improvements, multiple devices
can be used in an application with dramatically reduced
board space. The package is designed for vapor phase,
infra red, or wave soldering techniques.
VDSS = -12V
RDS(on) = 0.007Ω
Description
Absolute Maximum Ratings
W
www.irf.com
1
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
SO-8
PD- 91844B


Similar Part No. - F7210

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F721A107MR NICHICON-F721A107MR Datasheet
85Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F721A107MRC NICHICON-F721A107MRC Datasheet
65Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F721A108MMC NICHICON-F721A108MMC Datasheet
65Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F721A157MR NICHICON-F721A157MR Datasheet
85Kb / 1P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F721A157MRC NICHICON-F721A157MRC Datasheet
65Kb / 2P
SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F7210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com